Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2450V Datasheet (PDF) - Texas Instruments

THVD2450V Datasheet PDF - Texas Instruments
Part # THVD2450V
Download  THVD2450V Download
File Size   2180.34 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD

THVD2450V Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD2450V Datasheet PDF - Texas Instruments

Part # THVD2450V
Download  THVD2450V Click to download

File Size   2180.34 Kbytes
Page   39 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD

THVD2450V Datasheet (HTML) - Texas Instruments


THVD2450V Product details

1 Features
• Meets or exceeds the requirements of the TIA/
EIA-485A and TIA/EIA-422B standards
• 3-V to 5.5-V RS-485 supply voltage
• Differential output exceeds 2.1 V for PROFIBUS
compatibility with 5-V supply
• 1.65 V to 5.5 V Supply for logic signal interface
• SLR Pin Selectable Data Rates:
– THVD2410V, THVD2412V: 250 kbps and 1
Mbps
– THVD2450V, THVD2452V: 20 Mbps and 50
Mbps
• Bus I/O protection
– ±70-V DC bus fault
– ±16-kV HBM ESD
– Half duplex devices: ±15-kV IEC 61000-4-2
contact and air-gap discharge
– Full duplex devices: ±8-kV IEC 61000-4-2
contact and air-gap discharge
– ±4-kV IEC 61000-4-4 fast transient burst
• Half-duplex and Full-Duplex devices available in
two speed grades
• Extended ambient temperature range: -40°C to
125°C
• Extended operational common-mode range: ±25 V
• Enhanced receiver hysteresis for noise immunity
• Low power consumption
– Low shutdown supply current: < 5 μA
– Quiescent current during operation: < 5.3 mA
• Glitch-free power-up/down for hot plug-in capability
• Open, short, and idle bus failsafe
• Thermal shutdown
• 1/8 unit load (up to 256 bus nodes) in -7 V to 12V
common mode range
• Small 3 mm x 3 mm VSON package to save board
space, or 14-SOIC for drop-in compatibility

2 Applications
• Motor drives
• Factory automation and control
• HVAC systems
• Building automation
• Grid infrastructure
• Electricity meters
• Process analytics
• Video surveillance

3 Description
THVD24xxV are ±70-V fault-protected, half and fullduplex
RS-422/RS-485 transceivers using a 1.65 V to
5.5 V supply for logic signal interface, and a 3 V to
5.5 V bus side supply. These devices have slew rate
select feature that enables them to be used at two
maximum speeds based on the SLR pin setting.
These devices feature integrated IEC ESD
protection, eliminating the need for external systemlevel
protection components. Extended ±25-V
input common-mode range makes reliable data
communication over longer cable run lengths and/or
in the presence of large ground loop voltages.
Enhanced 250-mV receiver hysteresis provides high
noise rejection. In addition, the receiver fail-safe
feature makes sure of a logic high when the inputs
are open or shorted together.




Similar Part No. - THVD2450V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
THVD2450V TI1-THVD2450V Datasheet
2Mb / 38P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD2450V TI1-THVD2450V Datasheet
2Mb / 40P
THVD24xxV ±70V Fault-Protected 3V to 5.5V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
MARCH 2024
THVD2450V TI1-THVD2450V Datasheet
1Mb / 37P
THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
MAY 2024
THVD2450V TI1-THVD2450V Datasheet
1Mb / 37P
THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
REVISED AUGUST 2024
More results


Similar Description - THVD2450V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
70-V Fault-Protected RS-485 Transceivers
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
THVD2450V TI-THVD2450V Datasheet
1Mb / 35P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
DECEMBER 2022
THVD2410V TI1-THVD2410V Datasheet
2Mb / 38P
THVD24xxV ±70-V Fault-Protected 3 V to 5.5 V RS-485 Transceivers with Flexible I/O Supply and IEC ESD
REVISED FEBRUARY 2023
THVD1400V TI-THVD1400V Datasheet
1Mb / 31P
THVD1400V 3-V to 5.5-V RS-485 Transceiver with Flexible I/O Supply, Slew Rate Control and Integrated IEC ESD Protection
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com