Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPT2046 Datasheet (PDF) - List of Unclassifed Manufacturers

XPT2046 Datasheet PDF - List of Unclassifed Manufacturers
Part # XPT2046
Download  XPT2046 Download
File Size   821.29 Kbytes
Page   30 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Touch Screen Controller

XPT2046 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPT2046 Datasheet PDF - List of Unclassifed Manufacturers

Part # XPT2046
Download  XPT2046 Click to download

File Size   821.29 Kbytes
Page   30 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Touch Screen Controller

XPT2046 Datasheet (HTML) - List of Unclassifed Manufacturers


XPT2046 Product details

General Description
The XPT2046 is a 4-wire resistive touch screen controller that incorporates a 12-bit 125 kHz sampling SAR typeA/D converter.
The XPT2046 operates down to 2.2V supply voltage and supports digital I/O interface voltage from 1.5V to VCC in order to connect low voltage uP.
The XPT2046 can detect the pressed screen location by performing two A/D conversions. In addition to location,
the XPT2046 also measures touch screen pressure.On-chip VREF can be utilized for analog auxiliary input,
temperature measurement and battery monitoring withthe ability to measure voltage from 0V to 5V.
The XPT2046 also has an on-chip temperature sensor
The XPT2046 is available in 16pin QFN thin package(0.75mm in height) and has the operating temperature range of -40°C to +85°C
Features
12 bit SAR type A/D converter with S/H circuit
Low voltage operation (VCC = 2.2V ∼ 3.6V)
Low voltage digital I/F (1.5V ∼ VCC)
4-wire I/F
Sampling frequency: 125 kHz (max)
On-Chip voltage reference (2.5V)
Pen pressure measurement
On-chip thermo sensor
Direct battery masurement
Low power consumption (260μA)
Package 16pin QFN




Similar Part No. - XPT2046

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
Black casing provides superior contrast
XPT1LUR41D SUNLED-XPT1LUR41D Datasheet
242Kb / 3P
Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
Black casing provides superior contrast
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
XPT4088 ETC-XPT4088 Datasheet
397Kb / 5P
Class AB dual channel, 2..7W, anti-shake function, thermal protection, super noise suppression, high reliability
More results


Similar Description - XPT2046

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
Touch Screen Controller
RevD020200
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com