Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723611 Datasheet (PDF) - Renesas Technology Corp

IDT723611 Datasheet PDF - Renesas Technology Corp
Part # IDT723611
Download  IDT723611 Download
File Size   527.78 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFOTM

IDT723611 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT723611 Datasheet PDF - Renesas Technology Corp

Part # IDT723611
Download  IDT723611 Click to download

File Size   527.78 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS SyncFIFOTM

IDT723611 Datasheet (HTML) - Renesas Technology Corp


IDT723611 Product details

• Free-running CLKA and CLKB may be asynchronous or coincident
(permits simultaneous reading and writing of data on a single clock
edge)
• 64 x 36 storage capacity
• Synchronous data buffering from Port A to Port B
• Mailbox bypass register in each direction
• Programmable Almost-Full (AF) and Almost-Empty (AE) flags
• Microprocessor Interface Control Logic
• Full Flag (FF) and Almost-Full (AF) flags synchronized by CLKA
• Empty Flag (EF) and Almost-Empty (AE) flags synchronized by CLKB
• Passive parity checking on each Port
• Parity Generation can be selected for each Port
• Supports clock frequencies up to 67MHz
• Fast access times of 10ns
• Available in 132-pin Plastic Quad Flatpack (PQF) or space-saving
120-pin Thin Quad Flatpack (PF)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT723611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723611 IDT-IDT723611 Datasheet
236Kb / 20P
CMOS SyncFIFO 64 x 36
More results


Similar Description - IDT723611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V3631 IDT-IDT72V3631 Datasheet
224Kb / 21P
3.3 VOLT CMOS SyncFIFOTM
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
IDT72205LB RENESAS-IDT72205LB Datasheet
313Kb / 17P
CMOS SyncFIFOTM
NOVEMBER 2017
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com