Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL104 Datasheet (PDF) - Torex Semiconductor

XCL104 Datasheet PDF - Torex Semiconductor
Part # XCL104
Download  XCL104 Download
File Size   2900.17 Kbytes
Page   41 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1.4A, Inductor Built-in Step-up DC/DC Converters

XCL104 Datasheet (PDF)

Go To PDF Page Download Datasheet
XCL104 Datasheet PDF - Torex Semiconductor

Part # XCL104
Download  XCL104 Click to download

File Size   2900.17 Kbytes
Page   41 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1.4A, Inductor Built-in Step-up DC/DC Converters

XCL104 Datasheet (HTML) - Torex Semiconductor


XCL104 Product details

■FEATURES
Input Voltage Range
: 0.65V ~ 6.0V (Operation start voltage : 0.9V)
Fixed Output Voltage
: 1.8V ~ 5.5V (A,B,C type)
: 2.2V ~ 5.5V (except A,B,C type)
Oscillation Frequency
: 1.2MHz
Output Current
Control Mode Selection
: 710mA @VOUT=5.0V, VIN=3.3V
420mA @VOUT=3.3V, VIN=1.8V
: PWM (XCL104)
PWM/PFM (XCL105)
Load Transient Response
: 120mV@VOUT=3.3V, VIN=1.8V, fosc=1.2MHz
IOUT=1mA→200mA (tr=5μs)
Protection Function
: Thermal shutdown
Current limit
Integral latch method (D/E/F/J/K/L types)
Short circuit protection (D/E/F/J/K/L types)
UVLO (G/H/M/J/K/L types)
Functions
: Soft-start
Load Disconnection (A/C/D/F/G/M/J/L types)
CL Auto Discharge (A/D/G/J types)
Bypass Switch (XCL105 B/E/H/K types)
Output Capacitor
: Ceramic Capacitor
Operating Ambient Temperature
: -40℃ ~ 105℃
Package
: DFN3030-10B (3.0x3.0x1.7mm)
Environmentally Friendly
: EU RoHS Compliant, Pb Free

■APPLICATIONS
●Portable equipment
●Beauty & health equipment
●Wearable devices
●Game & Hobby
●PC Peripherals
●Devices with 1~3 Alkaline,
1~3 Nickel Hydride,
1 Lithium and 1 Li-ion




Similar Part No. - XCL104

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL102 TOREX-XCL102 Datasheet
1Mb / 20P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
XCL103 TOREX-XCL103 Datasheet
1Mb / 20P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
More results


Similar Description - XCL104

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Murata Manufacturing Co...
MYRBP-WD MURATA1-MYRBP-WD Datasheet
2Mb / 22P
Inductor Built-in Step-up mini DC/DC Converter
MYRGM-X MURATA1-MYRGM-X Datasheet
2Mb / 17P
2.0A Inductor Built-in Step-Down DC/DC Converters
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
Inductor Built-in Step-Down “mini DC/DC” Converters
logo
Torex Semiconductor
XC9147 TOREX-XC9147 Datasheet
1Mb / 43P
Highly functionality, 1.4A Step-up DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com