Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D8740240GT Datasheet (PDF) - PREMIER DEVICES, INC.

D8740240GT Datasheet PDF - PREMIER DEVICES, INC.
Part # D8740240GT
Download  D8740240GT Download
File Size   224.35 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC

D8740240GT Datasheet (PDF)

Go To PDF Page Download Datasheet
D8740240GT Datasheet PDF - PREMIER DEVICES, INC.

Part # D8740240GT
Download  D8740240GT Click to download

File Size   224.35 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC

D8740240GT Datasheet (HTML) - PREMIER DEVICES, INC.


D8740240GT Product details

DESCRIPTION

• Hybrid Power Doubler amplifier module employing GaAs dice



FEATURES

• Excellent linearity

• Superior return loss performance

• Extremely low distortion

• Optimal reliability

• Low noise

• Unconditionally stable under all terminations



APPLICATION

• 40 to 870 MHz CATV amplifier systems



 




Similar Part No. - D8740240GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D8740240GT RFMD-D8740240GT Datasheet
264Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 870MHz
logo
PREMIER DEVICES, INC.
D8740240GTH PDI-D8740240GTH Datasheet
232Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
logo
RF Micro Devices
D8740240GTH RFMD-D8740240GTH Datasheet
271Kb / 3P
GaAs Power Doubler Hybrid 40MHz to 870MHz
More results


Similar Description - D8740240GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D8740150GT PDI-D8740150GT Datasheet
224Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740180GT PDI-D8740180GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740200GT PDI-D8740200GT Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740200GTH PDI-D8740200GTH Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 440mA max. @ 24VDC
D8740220GTH PDI-D8740220GTH Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 22.0dB min. Gain @ 870MHz, 440mA max. @ 24VDC
D8740240GTH PDI-D8740240GTH Datasheet
232Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740250GT PDI-D8740250GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740250GTH PDI-D8740250GTH Datasheet
63Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC
D8740270GT PDI-D8740270GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 27.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740320GT PDI-D8740320GT Datasheet
127Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 32.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com