Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW1218KF0EB Datasheet (PDF) - Vishay Siliconix

CRCW1218KF0EB Datasheet PDF - Vishay Siliconix
Part # CRCW1218KF0EB
Download  CRCW1218KF0EB Download
File Size   138.42 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Thick Film Chip Resistors

CRCW1218KF0EB Datasheet (PDF)

Go To PDF Page Download Datasheet
CRCW1218KF0EB Datasheet PDF - Vishay Siliconix

Part # CRCW1218KF0EB
Download  CRCW1218KF0EB Click to download

File Size   138.42 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Thick Film Chip Resistors

CRCW1218KF0EB Datasheet (HTML) - Vishay Siliconix


CRCW1218KF0EB Product details

FEATURES
• Stability at different environmental conditions
ΔR/R ≤ 1 % (1000 h rated power at 70 °C)
• 2 mm pitch packaging option for 0603 size
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial
• Telecommunication




Similar Part No. - CRCW1218KF0EB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1218KF0EA VISHAY-CRCW1218KF0EA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW1218KF0EA VISHAY-CRCW1218KF0EA Datasheet
151Kb / 13P
Standard Thick Film Chip Resistors
Revision: 14-Apr-2026
CRCW1218KF0EC VISHAY-CRCW1218KF0EC Datasheet
151Kb / 13P
Standard Thick Film Chip Resistors
Revision: 14-Apr-2026
CRCW1218KF0ED VISHAY-CRCW1218KF0ED Datasheet
151Kb / 13P
Standard Thick Film Chip Resistors
Revision: 14-Apr-2026
CRCW1218KF0EE VISHAY-CRCW1218KF0EE Datasheet
151Kb / 13P
Standard Thick Film Chip Resistors
Revision: 14-Apr-2026
More results


Similar Description - CRCW1218KF0EB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW040247K0JNED VISHAY-CRCW040247K0JNED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW12062K00JNEA VISHAY-CRCW12062K00JNEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW040249R9FKED VISHAY-CRCW040249R9FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW1206100RFKEA VISHAY-CRCW1206100RFKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06031K74FKEA VISHAY-CRCW06031K74FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06036K65FKEA VISHAY-CRCW06036K65FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251247R0JNEG VISHAY-CRCW251247R0JNEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW04021K80FKED VISHAY-CRCW04021K80FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW251210R0FKEG VISHAY-CRCW251210R0FKEG Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW0805100MJPEAHR VISHAY-CRCW0805100MJPEAHR Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com