Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3DQ3 Datasheet (PDF) - Harvatek Corporation

B3DQ3 Datasheet PDF - Harvatek Corporation
Part # B3DQ3
Download  B3DQ3 Download
File Size   1199.01 Kbytes
Page   15 Pages
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation
Description Side view ICRGB Chip LED

B3DQ3 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3DQ3 Datasheet PDF - Harvatek Corporation

Part # B3DQ3
Download  B3DQ3 Click to download

File Size   1199.01 Kbytes
Page   15 Pages
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation
Description Side view ICRGB Chip LED

B3DQ3 Datasheet (HTML) - Harvatek Corporation


B3DQ3 Product details

Features
•Support signal reshaping to pass control waveforms to next adjacent driver
•Cascading port transmission by a single data line
•Built-in current regulator, three-way drive.
•Optional- Optional maximal drive current: 5mA
•256-step gray-scale output to allow 16,777,216 color display
•Built-in oscillator 20MHz
•LED driver port maximum withstand Voltage 6.5V
•Built-in power-on-reset (2.6V) (@VDD=5V)
•Operating voltage 4.5~5.5V
Applications
•Decorative LED lighting
•LED video display




Similar Part No. - B3DQ3

ManufacturerPart #DatasheetDescription
logo
Harvatek Corporation
B3DQ3BRG-05C0001L3U1930 HARVATEK-B3DQ3BRG-05C0001L3U1930 Datasheet
943Kb / 15P
Top view ICRGB Chip LED
04/14/2022 Version 1.0
More results


Similar Description - B3DQ3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GM4WA25300A SHARP-GM4WA25300A Datasheet
278Kb / 1P
RGB 3-Chip Side View TAF LED
logo
Inolux Corporation
HT-B3213FCH INOLUX-HT-B3213FCH Datasheet
943Kb / 16P
Side View RGB Chip LED
IN-PI42TASXRXGXB INOLUX-IN-PI42TASXRXGXB Datasheet
906Kb / 13P
4020 Side View RGB LED 4-Pin with Integrated IC
logo
Harvatek Corporation
B3DB3BRG-05C000113U1930 HARVATEK-B3DB3BRG-05C000113U1930 Datasheet
1Mb / 17P
Top view ICRGB Chip LED
11/09/2021 Version1.0
B3DK3BRG-05C000113U1930 HARVATEK-B3DK3BRG-05C000113U1930 Datasheet
1,017Kb / 15P
Top view ICRGB Chip LED
04/27/2022 Version 1.0
B3DQ3BRG-05C0001L3U1930 HARVATEK-B3DQ3BRG-05C0001L3U1930 Datasheet
943Kb / 15P
Top view ICRGB Chip LED
04/14/2022 Version 1.0
B3DB3 HARVATEK-B3DB3 Datasheet
1Mb / 17P
Top view ICRGB Chip LED
02/07/2020 Version 1.0
B3DK3 HARVATEK-B3DK3 Datasheet
1Mb / 15P
Top view ICRGB Chip LED
02/07/2020 Version 1.0
E3623RGB HARVATEK-E3623RGB Datasheet
660Kb / 15P
Top View RGB Chip LED
07/04/2017 Version 1.3
E3823RGB HARVATEK-E3823RGB Datasheet
714Kb / 15P
Top View RGB Chip LED
01/20/2015 Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com