Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB82 Datasheet (PDF) - Norgren Ltd

TB82 Datasheet PDF - Norgren Ltd
Part # TB82
Download  TB82 Download
File Size   1661.09 Kbytes
Page   7 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter-Regulator – Combination Excelon® Plus Modular System

TB82 Datasheet (PDF)

Go To PDF Page Download Datasheet
TB82 Datasheet PDF - Norgren Ltd

Part # TB82
Download  TB82 Click to download

File Size   1661.09 Kbytes
Page   7 Pages
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd
Description Filter-Regulator – Combination Excelon® Plus Modular System

TB82 Datasheet (HTML) - Norgren Ltd


TB82 Product details

Technical features
Medium:
Compressed air only
Maximum supply pressure:
Polycarbonate bowl: 10 bar (145 psi)
Metal bowl: 17 bar (246 psi)
Outlet pressure ranges:
0,3 ...10 bar (4 ... 145 psi)
Filter element:
40 μm
Port size:
G1/4, G3/8, 1/4 PTF, 3/8 PTF
Gauge:
Integrated as standard
Diaphragm Type:
Relieving
Drain:
Manual or automatic
Automatic drain operating
conditions (float operated):
Bowl pressure required to close
drain: > 0.35 bar (5 psi)
Bowl pressure required to open
drain: ≤ 0.2 bar (2.9 psi)
Minimum air flow required to
close drain: 1 dm³/s.
Ambient/Media temperature:
Polycarbonat bowl:
-10 ... +60ºC (+14 ... +140ºF)
Metal bowl:
-20 ... +65ºC (-4 ... +149ºF)
Air supply must be dry enough
to avoid ice formation at
temperatures below +2°C
(+35°F).
Atex:
T82 + B82 are in conformity with
Atex 2014/34/EU
II 2 GD
Ex h IIC T6 Gb
EX h IIIC T85°C Db
Materials:
Body: Die cast aluminum
Body covers: ABS
Bonnet: Acetal
Valve: PP with Geolast seals
Transparent Bowl:
Polycarbonate with
Polypropylene Guard.
Metal Bowl: Die cast Zinc with
PA liquid level indicator lens
Filter element: sintered PP
Bowl ‘o’- ring: Chloroprene
Elastomers: NBR




Similar Part No. - TB82

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB82 TAITRON-TB82 Datasheet
180Kb / 4P
8.0A Single-Phase Silicon Bridge Rectifier
logo
Samsung semiconductor
TB8235 SAMSUNG-TB8235 Datasheet
3Mb / 340P
8-BIT CMOS MICROCONTROLLERS USERS MANUAL
TB8238 SAMSUNG-TB8238 Datasheet
3Mb / 340P
8-BIT CMOS MICROCONTROLLERS USERS MANUAL
logo
France Joint
TB82X100X13 FRANCEJOINT-TB82X100X13 Datasheet
441Kb / 6P
STANDARD SHAFT SEALS
More results


Similar Description - TB82

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
B82G NORGREN-B82G Datasheet
2Mb / 8P
General purpose filter/regulator Excelon® Plus Modular System
02/21
BL82 NORGREN-BL82 Datasheet
2Mb / 8P
Filter/regulator – Lubricator Combination Units Excelon® Plus Modular System
BL84 NORGREN-BL84 Datasheet
2Mb / 10P
Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
HB84G NORGREN-HB84G Datasheet
1Mb / 8P
Filter/regulator For Extreme Temperature applications Excelon® Plus Modular System
HBL84 NORGREN-HBL84 Datasheet
1Mb / 10P
-Filter/regulator - Lubricator Combination Units Excelon® Plus Modular System
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
P82F NORGREN-P82F Datasheet
1Mb / 9P
P82F 3/2 Soft Start/Dump Valve Excelon® Plus Modular System
11/22
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
T84 NORGREN-T84 Datasheet
1Mb / 7P
T84T - 3/2 shut-off valve Excelon® Plus Modular System
08/22
TB84 NORGREN-TB84 Datasheet
1Mb / 9P
Filter- Regulator - Combination Units Excelon® Plus Modular System
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com