Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1628D1G25 Datasheet (PDF) - Renesas Technology Corp

DAC1628D1G25 Datasheet PDF - Renesas Technology Corp
Part # DAC1628D1G25
Download  DAC1628D1G25 Download
File Size   2370.9 Kbytes
Page   130 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating

DAC1628D1G25 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1628D1G25 Datasheet PDF - Renesas Technology Corp

Part # DAC1628D1G25
Download  DAC1628D1G25 Click to download

File Size   2370.9 Kbytes
Page   130 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating

DAC1628D1G25 Datasheet (HTML) - Renesas Technology Corp


DAC1628D1G25 Product details

Dual channel 16-bit resolution
1.25 Gsps maximum output update rate
JEDEC JESD204B device subclass I
compliant: SYSREF based deterministic
and repeatable interface latency
Multiple Device Synchronization (MDS,
a unique CGVxpress feature) enables
up to 16 DAC channels to be sample
synchronous and phase coherent to
within one DAC clock period
1, 2 or 4 configurable JESD204B serial
input lanes running up to 6.25 Gbps with
embedded termination and
programmable equalization
625 Msps maximum baseband input
data rate
SPI interface (3-wire or 4-wire mode) for
control setting and status monitoring
Differential scalable output current from
8.1 mA to 34 mA
Embedded NCO with 40-bit
programmable frequency and 16-bit
phase adjustment
Embedded complex (IQ) digital
modulator
1.8 V and 3.3 V power supplies




Similar Part No. - DAC1628D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Integrated Device Techn...
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results


Similar Description - DAC1628D1G25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1627D1G25 NXP-DAC1627D1G25 Datasheet
1Mb / 69P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
Rev. 1-29 April 2011
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
DAC1627D1G25 IDT-DAC1627D1G25 Datasheet
1Mb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
DAC1653Q IDT-DAC1653Q Datasheet
5Mb / 101P
Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Renesas Technology Corp
DAC1627D1G25 RENESAS-DAC1627D1G25 Datasheet
1,023Kb / 81P
Dual 16-bit DAC, LVDS interface, up to 1.25 Gsps, x2, x4 and x8 interpolating
12 December 2012
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com