Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT481 Datasheet (PDF) - List of Unclassifed Manufacturers

BT481 Datasheet PDF - List of Unclassifed Manufacturers
Part # BT481
Download  BT481 Download
File Size   327.39 Kbytes
Page   52 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC

BT481 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT481 Datasheet PDF - List of Unclassifed Manufacturers

Part # BT481
Download  BT481 Click to download

File Size   327.39 Kbytes
Page   52 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC

BT481 Datasheet (HTML) - List of Unclassifed Manufacturers


BT481 Product details

Distinguishing Features
110 MHz Operation
Supports 8:8:8:8, 24-bit true color
and VGA overlay
Supports 8:8:8 24-bit RGB/BGR
selectable true-color format
Supports 5:6:5 XGA true-color
format
Supports 5:5:5 TARGA true-color
format
Replaces Bt471/475/476/477/478
which are pin compatible
Power-on reset for internal
registers
Power-down mode
Antisparkle circuitry
Analog output conparators
Triple 6-bit (8-bit) D/A converters
256 x 18 (24) color palette RAM
15 x 18 (24) overlay registers
Optional internal voltage reference
Programmable pedestal
Sync on all three channels
Standard MPU interface
44-pin PLCC package

Applications
• High-resolution color graphics
• CAE/CAD/CAM
• Image processing
• Instrumentation
• Desktop publishing
• Laptop computers




Similar Part No. - BT481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
BT481KPJ75 ETC-BT481KPJ75 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
BT481KPJ85 ETC-BT481KPJ85 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
More results


Similar Description - BT481

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3409 TI-TVP3409 Datasheet
245Kb / 57P
Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI-TVP3703 Datasheet
298Kb / 21P
VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
256 x 24 COLOR PALETTE
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
256 횞 24 COLOR PALETTE
logo
Analog Devices
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
logo
Texas Instruments
TVP3409 TI1-TVP3409_09 Datasheet
256Kb / 57P
Video Interface Palette True-Color CMOS RAMDAC
TVP3703 TI1-TVP3703_05 Datasheet
325Kb / 22P
VIDEO INTERFACE PALETTE TRUE-COLOR CMOS RAMDAC
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com