| Manufacturer | Part # | Datasheet | Description |
 Ulti-Mate Connector Inc |
SD-432411827
|
55Kb / 1P |
Nano-D PCB 9 Socket Threaded Hole 2 Row Thru-Hole .050 x .050 (style 8) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
05-27-15 |
|
SD-832311817
|
58Kb / 1P |
Nano-D PCB 9 Pin Threaded Hole 2 Row Thru-Hole .050 x .050 (style 8) Right Angle Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
03-09-10 |
|
SD-832346217
|
67Kb / 1P |
Nano-D PCB 25 Pin Threaded Hole 2 Row SMT .025 x .040 (style 28) Right Angle Tin Lead Finish Stainless Stainless Steel 125 Max Temp No QPL
01-18-19 |
|
SD-832381712
|
56Kb / 1P |
Nano-D PCB 65 Pin Allen Head Jackscrew 2 Row SMT .025 x .075 (style 36) Vertical Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
02-05-15 |
|
SD-832491217
|
59Kb / 1P |
Nano-D PCB 85 Socket Threaded Hole 2 Row SMT .025 x .040 (style 28) Right Angle Tin Lead Finish Nickel Metal Shell 125 Max Temp No QPL
12-09-13 |
|
SD-836111817
|
44Kb / 1P |
Micro-D PCB Standard Profile 9 Pin Jack Post Thru-Hole .075 x .100 (style 8) Right Angle Tin 0.109 Tail Length Nickel Metal Shell 125 Max Temp No QPL
2-29-12 |
|
SD-837085120
|
38Kb / 1P |
Nano Strip PCB 8 Pin No Hardware Thru-Hole .050 inline (style L03) Right Angle None Plastic Shell 125 Max Temp No QPL
9-24-08 |
|
SD-837086120
|
33Kb / 1P |
Nano Strip PCB 8 Socket No Hardware Thru-Hole .050 inline (style L03) Right Angle None Plastic Shell 125 Max Temp No QPL
9-24-08 |
|
SD-839040079
|
52Kb / 1P |
Micro-D PCB Standard Profile 51 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
11-14-16 |
|
SD-839040120
|
54Kb / 1P |
Micro-D PCB Standard Profile 15 Pin Jack Post Thru-Hole .100 x .100 (style 1) Right Angle Gold Plated Finish 0.109 Tail Length Nickel Metal Shell 200 Max Temp No QPL
8-6-07 |