Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1112918 Datasheet (PDF) - PHOENIX CONTACT

1112918 Datasheet PDF - PHOENIX CONTACT
Part # 1112918
Download  1112918 Download
File Size   229.56 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/0,5-94C/R4ACS - Patch cable

1112918 Datasheet (PDF)

Go To PDF Page Download Datasheet
1112918 Datasheet PDF - PHOENIX CONTACT

Part # 1112918
Download  1112918 Click to download

File Size   229.56 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/0,5-94C/R4ACS - Patch cable

1112918 Datasheet (HTML) - PHOENIX CONTACT


1112918 Product details

Patch cable, degree of protection: IP20, cable length: 0.5 m, number of positions: 8, 1 Gbps,
CAT5, material: PP, connection method: Pierce connection, connection cross section: AWG 26-
26, cable outlet: straight, Ethernet

Your advantages
• Perfect for industrial applications
• PUR cable for moving applications (bend)
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 1 Gbps (CAT5)




Similar Part No. - 1112918

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1112918 MACOM-1112918 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1112918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112785 PHOENIX-1112785 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93B/R4ACS
1112912 PHOENIX-1112912 Datasheet
178Kb / 5P
Patch cable - NBC-R4ACS/5,0-94C/R4ACS
1112914 PHOENIX-1112914 Datasheet
175Kb / 4P
Patch cable - NBC-R4ACS/2,0-94C/R4ACS
1112916 PHOENIX-1112916 Datasheet
178Kb / 5P
Patch cable - NBC-R4ACS/1,0-94C/R4ACS
1112925 PHOENIX-1112925 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93M/R4ACS
1112931 PHOENIX-1112931 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/0,5-93K/R4ACS
1112939 PHOENIX-1112939 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,5-93C/R4ACS
1112913 PHOENIX-1112913 Datasheet
229Kb / 7P
NBC-R4ACS/3,0-94C/R4ACS - Patch cable
1112919 PHOENIX-1112919 Datasheet
229Kb / 7P
NBC-R4ACS/0,3-94C/R4ACS - Patch cable
1113823 PHOENIX-1113823 Datasheet
231Kb / 8P
NBC-R4ACS/0,5-94F/R4ACS - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com