Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1113141 Datasheet (PDF) - PHOENIX CONTACT

1113141 Datasheet PDF - PHOENIX CONTACT
Part # 1113141
Download  1113141 Download
File Size   219.74 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/20,0-93K/R4ACS - Patch cable

1113141 Datasheet (PDF)

Go To PDF Page Download Datasheet
1113141 Datasheet PDF - PHOENIX CONTACT

Part # 1113141
Download  1113141 Click to download

File Size   219.74 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4ACS/20,0-93K/R4ACS - Patch cable

1113141 Datasheet (HTML) - PHOENIX CONTACT


1113141 Product details

Patch cable, degree of protection: IP20, cable length: 20 m, number of positions: 4, 100 Mbps,
CAT5, material: PP, connection method: Pierce connection, connection cross section: AWG 23-
22, cable outlet: straight, PROFINET

Your advantages
• Perfect for industrial applications
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Resistant to shock and vibrations, thanks to robust molding
• High-speed data transmission with up to 100 Mbps (CAT5)




Similar Part No. - 1113141

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1113141 MACOM-1113141 Datasheet
5Mb / 85P
tyco electronics contents
More results


Similar Description - 1113141

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112927 PHOENIX-1112927 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/R4ACS
1112928 PHOENIX-1112928 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/3,0-93K/R4ACS
1112929 PHOENIX-1112929 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/2,0-93K/R4ACS
1112931 PHOENIX-1112931 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/0,5-93K/R4ACS
1112932 PHOENIX-1112932 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/0,3-93K/R4ACS
1113146 PHOENIX-1113146 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,2-93K/R4ACS
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113327 PHOENIX-1113327 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/20,0-93B/R4ACS
1112930 PHOENIX-1112930 Datasheet
219Kb / 5P
NBC-R4ACS/1,0-93K/R4ACS - Patch cable
1113142 PHOENIX-1113142 Datasheet
219Kb / 5P
NBC-R4ACS/15,0-93K/R4ACS - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com