Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1542907 Datasheet (PDF) - PHOENIX CONTACT

1542907 Datasheet PDF - PHOENIX CONTACT
Part # 1542907
Download  1542907 Download
File Size   404.1 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M 8FS-3CON-M-0,34-SH - Connector

1542907 Datasheet (PDF)

Go To PDF Page Download Datasheet
1542907 Datasheet PDF - PHOENIX CONTACT

Part # 1542907
Download  1542907 Click to download

File Size   404.1 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M 8FS-3CON-M-0,34-SH - Connector

1542907 Datasheet (HTML) - PHOENIX CONTACT


1542907 Product details

Connector, Universal, 3-position, shielded, Socket straight M8, A, Screw connection, knurl
material: Nickel-plated brass, external cable diameter 3.5 mm ... 5.5 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1542907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1542909 PHOENIX-1542909 Datasheet
1Mb / 19P
EV-T2HPCC-DC500A-6,0M50ECBK11R - DC charging cable
More results


Similar Description - 1542907

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1436453 PHOENIX-1436453 Datasheet
58Kb / 4P
Connector - SACC-M 8MR-3CON-SH
1436479 PHOENIX-1436479 Datasheet
329Kb / 6P
Connector - SACC-M 8FR-3CON-SH
1681172 PHOENIX-1681172 Datasheet
121Kb / 4P
SACC-M 8FS-3CON-M
1506927 PHOENIX-1506927 Datasheet
169Kb / 5P
SACC-M 8FS-3CON-M-SH
Jan 6, 2011
1542910 PHOENIX-1542910 Datasheet
136Kb / 4P
SACC-M 8FS-4CON-M-0,34-SH
Jan 6, 2011
1506888 PHOENIX-1506888 Datasheet
406Kb / 12P
SACC-M 8FS-3CON-M-SW - Connector
1506901 PHOENIX-1506901 Datasheet
595Kb / 14P
SACC-M 8MS-3CON-M-SH - Connector
1506930 PHOENIX-1506930 Datasheet
620Kb / 14P
SACC-M 8FS-4CON-M-SH - Connector
1542884 PHOENIX-1542884 Datasheet
407Kb / 12P
SACC-M 8MS-3CON-M-0,34-SH - Connector
1542897 PHOENIX-1542897 Datasheet
431Kb / 12P
SACC-M 8MS-4CON-M-0,34-SH - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com