Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3001EEF Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3001EEF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3001EEF
Download  PMEG3001EEF Download
File Size   230.91 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 0.1 A low VF MEGA Schottky barrier rectifier

PMEG3001EEF Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3001EEF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3001EEF
Download  PMEG3001EEF Click to download

File Size   230.91 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 0.1 A low VF MEGA Schottky barrier rectifier

PMEG3001EEF Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3001EEF Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection in a DFN0603-2 (SOD972E) leadless ultra small Surface-Mounted
Device (SMD) package.

2. Features and benefits
• Average forward current IF(AV) ≤ 0.1 A
• Reverse voltage VR ≤ 30 V
• Low forward voltage
• Low leakage current
• Ultra small and leadless SMD package
• Package height typ. 0.25 mm

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Low power consumption applications
• Ultra high speed switching
• LED backlight for mobile application




Similar Part No. - PMEG3001EEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AEB PHILIPS-PMEG3002AEB Datasheet
50Kb / 8P
Low VF MEGA Schottky barrier diode
2002 May 06
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
Low VF MEGA Schottky barrier diode
2002 May 06
logo
NXP Semiconductors
PMEG3002AEB PHILIPS-PMEG3002AEB_15 Datasheet
102Kb / 7P
Low VF MEGA Schottky barrier diode
2002 May 06
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
More results


Similar Description - PMEG3001EEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1201AESF PHILIPS-PMEG1201AESF_15 Datasheet
192Kb / 14P
12 V, 0.1 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3002ESF PHILIPS-PMEG3002ESF_15 Datasheet
193Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
17 February 2015
PMEG3020EPAS PHILIPS-PMEG3020EPAS_15 Datasheet
229Kb / 15P
30 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
30 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG3005EGW NEXPERIA-PMEG3005EGW Datasheet
683Kb / 12P
30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3002ESF NEXPERIA-PMEG3002ESF Datasheet
704Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3005AESF NEXPERIA-PMEG3005AESF Datasheet
212Kb / 13P
30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3010AESA NEXPERIA-PMEG3010AESA Datasheet
745Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3020CEP-Q NEXPERIA-PMEG3020CEP-Q Datasheet
256Kb / 13P
30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com