Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3020EH Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3020EH Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3020EH
Download  PMEG3020EH Download
File Size   685.11 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers

PMEG3020EH Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3020EH Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3020EH
Download  PMEG3020EH Click to download

File Size   685.11 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers

PMEG3020EH Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3020EH Product details

Features
* Forward current: 2 A
* Reverse voltage: 30 V
* Ultra low forward voltage
* Small and flat lead SMD package




Similar Part No. - PMEG3020EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EH PHILIPS-PMEG3020EH Datasheet
58Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH PHILIPS-PMEG3020EH Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
logo
Nexperia B.V. All right...
PMEG3020EH-Q NEXPERIA-PMEG3020EH-Q Datasheet
185Kb / 9P
30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
logo
NXP Semiconductors
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
More results


Similar Description - PMEG3020EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3020EPAS PHILIPS-PMEG3020EPAS_15 Datasheet
229Kb / 15P
30 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com