Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1-4741-2 Datasheet (PDF) - Renesas Technology Corp

HA1-4741-2 Datasheet PDF - Renesas Technology Corp
Part # HA1-4741-2
Download  HA1-4741-2 Download
File Size   361.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 3.5MHz, Operational Amplifier

HA1-4741-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1-4741-2 Datasheet PDF - Renesas Technology Corp

Part # HA1-4741-2
Download  HA1-4741-2 Click to download

File Size   361.67 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 3.5MHz, Operational Amplifier

HA1-4741-2 Datasheet (HTML) - Renesas Technology Corp


HA1-4741-2 Product details

Features
•Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V/μs
•Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5MHz
•Input Voltage Noise . . . . . . . . . . . . . . . . . . . . . . 9nV/√Hz
•Input Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
•Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . 60nA
•Supply Range. . . . . . . . . . . . . . . . . . . . . . . . ±2V to ±20V
•No Crossover Distortion
•Standard Quad Pinout




Similar Part No. - HA1-4741-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-4741-2 INTERSIL-HA1-4741-2 Datasheet
62Kb / 6P
Quad, 3.5MHz, Operational Amplifier
September 1998
HA1-4741-2 INTERSIL-HA1-4741-2 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
More results


Similar Description - HA1-4741-2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
62Kb / 6P
Quad, 3.5MHz, Operational Amplifier
September 1998
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com