Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-5504B1 Datasheet (PDF) - Renesas Technology Corp

HC-5504B1 Datasheet PDF - Renesas Technology Corp
Part # HC-5504B1
Download  HC-5504B1 Download
File Size   578.29 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ITU Low Cost, PABX SLIC With 40mA Loop Feed

HC-5504B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-5504B1 Datasheet PDF - Renesas Technology Corp

Part # HC-5504B1
Download  HC-5504B1 Click to download

File Size   578.29 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ITU Low Cost, PABX SLIC With 40mA Loop Feed

HC-5504B1 Datasheet (HTML) - Renesas Technology Corp


HC-5504B1 Product details

Features
• Low Cost Version of the HC-5504B
• Capable of 5V or 12V (VB+) Operation
• Monolithic Integrated Device
• DI High Voltage Process
• Compatible With Worldwide PBX Performance
Requirements
• Controlled Supply of Battery Feed Current for Short Loops
(41mA)
• Internal Ring Relay Driver
• Allows Interfacing With Negative Superimposed Ringing
Systems
• Low Power Consumption During Standby
• Switch Hook Ground Key and Ring Trip Detection
Functions
• Selective Denial of Power to Subscriber Loops




Similar Part No. - HC-5504B1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results


Similar Description - HC-5504B1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
July 2004
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com