Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996SD-333 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LP5996SD-333 Datasheet PDF - National Semiconductor (TI)
Part # LP5996SD-333
Download  LP5996SD-333 Download
File Size   870.0 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual Linear Regulator with 300mA and 150mA Outputs

LP5996SD-333 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5996SD-333 Datasheet PDF - National Semiconductor (TI)

Part # LP5996SD-333
Download  LP5996SD-333 Click to download

File Size   870.0 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual Linear Regulator with 300mA and 150mA Outputs

LP5996SD-333 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP5996SD-333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996SD-3333/NOPB TI-LP5996SD-3333/NOPB Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-3333/NOPB TI2-LP5996SD-3333/NOPB Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
LP5996SD-3333/NOPB.A TI2-LP5996SD-3333/NOPB.A Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
More results


Similar Description - LP5996SD-333

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com