Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7622D-0.4 Datasheet (PDF) - Data Delay Devices, Inc.

3D7622D-0.4 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7622D-0.4
Download  3D7622D-0.4 Download
File Size   340.49 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 22-BIT PROGRAMMABLE PULSE GENERATOR

3D7622D-0.4 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7622D-0.4 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7622D-0.4
Download  3D7622D-0.4 Click to download

File Size   340.49 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description 22-BIT PROGRAMMABLE PULSE GENERATOR

3D7622D-0.4 Datasheet (HTML) - Data Delay Devices, Inc.


3D7622D-0.4 Product details

FUNCTIONAL DESCRIPTION
The 3D7622 device is a versatile 22-bit programmable monolithic pulse generator.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Programmable via serial interface
• Increment range: 0.25ns through 50.0ns
• Pulse width tolerance: 1% (See Table 1)
• Supply current: 8mA typical
• Temperature stability: ±1.5% max (-40C to 85C)
• Vdd stability: ±0.5% max (4.75V to 5.25V)




Similar Part No. - 3D7622D-0.4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622D-2.5 DATADELAY-3D7622D-2.5 Datasheet
339Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-25 DATADELAY-3D7622D-25 Datasheet
339Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
More results


Similar Description - 3D7622D-0.4

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
Programmable One-Shot Pulse Generator
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG33F DATADELAY-PPG33F Datasheet
283Kb / 5P
3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
PPG36F DATADELAY-PPG36F Datasheet
50Kb / 5P
6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
22-BIT PROGRAMMABLE PULSE GENERATOR
logo
IC-Haus GmbH
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
PROGRAMMABLE ns-PULSE GENERATOR
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
Pulse generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
Programmable One-Shot Pulse Generator
111799
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com