Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE1013E Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE1013E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE1013E
Download  NCE1013E Download
File Size   286.26 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE1013E Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE1013E Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE1013E
Download  NCE1013E Click to download

File Size   286.26 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE P-Channel Enhancement Mode Power MOSFET

NCE1013E Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE1013E Product details

Description
The NCE1013E uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as -1.8V. This device is suitable for use as a
Battery protection or in other Switching application.
General Features
● VDS = -20V,ID =-0.66A
RDS(ON) <520mΩ @ VGS=-4.5V
RDS(ON) <700mΩ @ VGS=-2.5V
RDS(ON) <1000mΩ @ VGS=-1.8V
ESD Rating : HBM 2000V
● High power and current handing capability
● Lead free product is acquired
● Gate-Source ESD protection
Application
● Battery operated systems
● Load/ power switching cell phones pagers
● Power supply converter circuits




Similar Part No. - NCE1013E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE1012E NCEPOWER-NCE1012E Datasheet
487Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
logo
List of Unclassifed Man...
NCE101A10K ETC1-NCE101A10K Datasheet
284Kb / 2P
Crystal Clock Oscillator
NCE101E10K ETC1-NCE101E10K Datasheet
284Kb / 2P
Crystal Clock Oscillator
More results


Similar Description - NCE1013E

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com