Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1139A Datasheet (PDF) - Analog Devices

ADMV1139A Datasheet PDF - Analog Devices
Part # ADMV1139A
Download  ADMV1139A Download
File Size   86.91 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter

ADMV1139A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV1139A Datasheet PDF - Analog Devices

Part # ADMV1139A
Download  ADMV1139A Click to download

File Size   86.91 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter

ADMV1139A Datasheet (HTML) - Analog Devices


ADMV1139A Product details

GENERAL DESCRIPTION
The ADMV1139A is a silicon on isolator (SOI), microwave,
upconverter and downconverter optimized for 5G radio designs
operating in the 37 GHz to 50 GHz frequency range.
Both upconverters and downconverters offer two modes of
frequency translation. One mode is conversion from and/or to complex
intermediate frequency (IF) signals, which then pass through
an optional on-chip 90° IF hybrid, known as IF mode.
The other mode is a direct conversion from and/or to differential
baseband inphase/quadrature (I/Q) inputs and
outputs, known as baseband mode. The I/Q baseband output
common-mode voltage is programmable between 0.7 V and 1.5 V.
When the device is used as an image rejecting downconverter,
the unwanted image term is typically rejected to 26 dBc, before
calibration. The ADMV1139A offers a square law power detector
to allow monitoring of the power levels at the mixer inputs of the
downconverter.
The RF receive input, RF transmit output, and local oscillator (LO)
interface are all single-ended and matched to 50 Ω. The on-chip RF
switch provides the option to combine the transmit and receive RF
ports together for time division duplex (TDD) applications.
The serial port interface (SPI) provides adjustment of the LO chain
I/Q phase to allow optimum sideband rejection. In addition, the
SPI allows powering down the output envelope detector to reduce
power consumption when carrier feedthrough optimization is not
necessary.
The ADMV1139A upconverter and downconverter is housed in a
compact, thermally enhanced, 6 mm × 6.5 mm, ball grid array
(BGA) package. This BGA package enables the ability to heat sink
the ADMV1139A from the top of the package for the most efficient
thermal heat sinking. The ADMV1139A operates over the −40°C to
+95°C TC range.
Throughout the figures within this data sheet, Rx means receiver
and Tx means transmitter.

FEATURES
► Integration of an upconverter (a transmitter), a downconverter (a
receiver), and a LO chain with 4× multiplier in one chip
► RF frequency range: 37 GHz to 50 GHz
► Optional on-chip RF switch port between the transmitter and the
receiver
► LO input frequency range: 7.25 GHz to 12.05 GHz
► Two operation modes for both upconverter and downconverter
► Direct conversion of differential baseband I/Q (baseband
mode)
► Complex IF operation with optional on-chip hybrid (IF mode)
► Programmable baseband output common-mode voltage from 0.7
V to 1.5 V in receive mode, set via either SPI or physical pin
► Programmable mixer gate voltage to accommodate baseband
input common-mode from 0 V to 1.5 V in transmit mode
► Matched, 50 Ω impedance, single-ended RF input and output,
and RF switch port
► Matched, 50 Ω impedance single-ended LO input
► Low phase variation vs. gain control
► Upconversion mode
► Sideband rejection and carrier feedthrough optimization
► Envelope detector for LO feedthrough calibration
► Downconversion mode
► Image rejection and I/Q imbalance optimization
► Baseband I/Q dc offset correction
► Receiver mixer power detector for receiver gain setting
► LO chain features
► Variable gain to accommodate the various LO input levels
► 360° phase control shifter for LO synchronization
► I/Q phase correction
► Fast TDD switching time via external pins
► Calibration probes for array calibration
► Programmable via a 3-wire or 4-wire SPI, compatible with
ADMV4928 and ADMV4828 interface
► 6 mm × 6.5 mm, BGA package (see the Outline Dimensions section)

APPLICATIONS
► Millimeter-wave 5G applications
► Point to point microwave radios
► Radar and electronic warfare systems
► Instrumentation and automatic test equipment (ATE)




Similar Part No. - ADMV1139A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
More results


Similar Description - ADMV1139A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
1.5-2.5 GHz Upconverter/ Downconverter
logo
Hittite Microwave Corpo...
HMC6787ALC5A HITTITE-HMC6787ALC5A Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 37 - 40 GHz
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
E-Band Upconverter SiP, 81 GHz to 86 GHz
12/2020-Rev. B to Rev. C
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
1/2019-Rev. C to Rev. D
HMC6147ALC5A AD-HMC6147ALC5A Datasheet
883Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
HMC6789BLC5A AD-HMC6789BLC5A Datasheet
1Mb / 24P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com