Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8432I-51 Datasheet (PDF) - Renesas Technology Corp

8432I-51 Datasheet PDF - Renesas Technology Corp
Part # 8432I-51
Download  8432I-51 Download
File Size   539.41 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

8432I-51 Datasheet (PDF)

Go To PDF Page Download Datasheet
8432I-51 Datasheet PDF - Renesas Technology Corp

Part # 8432I-51
Download  8432I-51 Click to download

File Size   539.41 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer

8432I-51 Datasheet (HTML) - Renesas Technology Corp


8432I-51 Product details

FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface or
LVCMOS/LVTTL REF_CLK
• Output frequency range: 31.25MHz to 700MHz
• Crystal input frequency range: 12MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter and
output dividers
• RMS period jitter: 3.5ps (maximum)
• Cycle-to-cycle jitter: 40ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8432I-51

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
WIRE WOUND Ceramic Chip Inductor
logo
PHOENIX CONTACT
8432 PHOENIX-8432 Datasheet
295Kb / 17P
AXL E PB DIO16 M12 6M
logo
KISTLER INSTRUMENT CORP...
8432 KISTLER-8432 Datasheet
3Mb / 4P
Miniature IEPE Triaxial Accelerometer, with TEDS Option
2014
logo
Heyco.
8432 HEYCO-8432 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
logo
Keystone Electronics Co...
8432 KEYSTONE-8432 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results


Similar Description - 8432I-51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432-101 ICST-ICS8432-101 Datasheet
198Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 1, 2005
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS8432I-101 ICST-ICS8432I-101 Datasheet
170Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 23, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com