Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843S1333D Datasheet (PDF) - Renesas Technology Corp

843S1333D Datasheet PDF - Renesas Technology Corp
Part # 843S1333D
Download  843S1333D Download
File Size   529.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-3.3V LVPECL Clock Synthesizer

843S1333D Datasheet (PDF)

Go To PDF Page Download Datasheet
843S1333D Datasheet PDF - Renesas Technology Corp

Part # 843S1333D
Download  843S1333D Click to download

File Size   529.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-3.3V LVPECL Clock Synthesizer

843S1333D Datasheet (HTML) - Renesas Technology Corp


843S1333D Product details

Features
• One differential LVPECL output
• Crystal oscillator interface designed for 18pF, 20MHz parallel
resonant crystal
• Cycle-to-Cycle Jitter: 14ps (maximum)
• Period Jitter, RMS: 2.6ps (maximum)
• Output Duty Cycle: 48 – 52%
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 843S1333D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
843S1333DGLF IDT-843S1333DGLF Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
843S1333DGLFT IDT-843S1333DGLFT Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
More results


Similar Description - 843S1333D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
Crystal-to-3.3V LVPECL Frequency Synthesizer
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843022I-48 RENESAS-843022I-48 Datasheet
382Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
9/25/15
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
84321I RENESAS-84321I Datasheet
466Kb / 19P
260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com