Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

870919I-01 Datasheet (PDF) - Renesas Technology Corp

870919I-01 Datasheet PDF - Renesas Technology Corp
Part # 870919I-01
Download  870919I-01 Download
File Size   378.89 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS Clock Generator

870919I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
870919I-01 Datasheet PDF - Renesas Technology Corp

Part # 870919I-01
Download  870919I-01 Click to download

File Size   378.89 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVCMOS Clock Generator

870919I-01 Datasheet (HTML) - Renesas Technology Corp


870919I-01 Product details

Features
• Two selectable single-ended input reference clocks
• Eight single-ended clock outputs
• Internal PLL does not require external loop filter components
• 5V tolerant inputs
• Maximum output frequency: 160MHz, (2XQ output)
• Maximum output frequency: 80MHz, (Q0:Q4 and nQ5 outputs)
• LVCMOS interface levels for all inputs and outputs
• PLL disable feature for low-frequency testing
• PLL lock output
• Selectable synchronization of output to input edge
• Output drive capability: ±24mA
• Output skew: 300ps (maximum), Q0:Q4
• Output skew: 500ps (maximum), all outputs
• Full 3.3V supply voltage
• Available in lead-free packages
• -40°C to 85°C ambient operating temperature
• Fully pin and function compatible with the IDT QS5LV919
(including 55, 70, 100, 133 and 160MHz options)
• For functional replacement part use 8T49N285




Similar Part No. - 870919I-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8709 ETC2-8709 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Christian Bürkert GmbH ...
8709 BURKERT-8709 Datasheet
1Mb / 13P
Liquid Flow Meter (LFM)
14.03.2022
logo
Keystone Electronics Co...
8709 KEYSTONE-8709 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Renesas Technology Corp
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
LVCMOS Clock Generator
April 25, 2016
More results


Similar Description - 870919I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
Single Output LVCMOS Clock Generator
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
HCSL/ LVCMOS Clock Generator
8413S12BI-126 IDT-8413S12BI-126 Datasheet
754Kb / 29P
HCSL/ LVCMOS Clock Generator
logo
Renesas Technology Corp
870931I-01 RENESAS-870931I-01 Datasheet
408Kb / 14P
LVCMOS Clock Generator
April 25, 2016
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
HCSL/ LVCMOS Clock Generator
January 7, 2016
ICS870919I RENESAS-ICS870919I Datasheet
428Kb / 18P
LVCMOS Clock Generator
2019
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com