Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-574A Datasheet (PDF) - Renesas Technology Corp

HI-574A Datasheet PDF - Renesas Technology Corp
Part # HI-574A
Download  HI-574A Download
File Size   631.28 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete, 12-Bit A/D Converters with Microprocessor Interface

HI-574A Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-574A Datasheet PDF - Renesas Technology Corp

Part # HI-574A
Download  HI-574A Click to download

File Size   631.28 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete, 12-Bit A/D Converters with Microprocessor Interface

HI-574A Datasheet (HTML) - Renesas Technology Corp


HI-574A Product details

Features
• Complete 12-Bit A/D Converter with Reference and Clock
• Full 8-Bit, 12-Bit or 16-Bit Microprocessor Bus Interface
• Bus Access Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 150ns
• No Missing Codes Over Temperature
• Minimal Setup Time for Control Signals
• Fast Conversion Times
- HI-574A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25μs
- HI-674A (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15μs
• Low Noise, via Current-Mode Signal Transmission
Between Chips
• Byte Enable/Short Cycle (AO Input)
- Guaranteed Break-Before-Make Action, Eliminating Bus
Contention During Read Operation. Latched by Start
Convert Input (To Set the Conversion Length)
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
• Pb-Free Available (RoHS Compliant)




Similar Part No. - HI-574A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI-574A INTERSIL-HI-574A Datasheet
453Kb / 17P
Complete, 12-Bit A/D Converters with Microprocessor Interface
June 2001
HI-574A INTERSIL-HI-574A Datasheet
392Kb / 18P
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A Datasheet
567Kb / 18P
Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
Complete, 12-Bit A/D Converters with Microprocessor Interface
June 2001
More results


Similar Description - HI-574A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
Complete 12-Bit A/D Converters
4/02-REV.C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
FAST, COMPLETE 12-BIT A/D CONVERTERS
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
Complete, 12-Bit A/D Converters with Microprocessor Interface
June 2001
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
August 7, 2008
logo
Analog Devices
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
logo
Intersil Corporation
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com