Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40175B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF40175B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF40175B
Download  HEF40175B Download
File Size   238.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop

HEF40175B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF40175B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF40175B
Download  HEF40175B Click to download

File Size   238.1 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop

HEF40175B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF40175B Product details

1. General description
The HEF40175B is a quad positive edge triggered D-type flip-flop with four data (Dn) inputs,
common clock (CP) and asynchronous master reset (MR) inputs, and complementary Qn and Qn
outputs. When MR is HIGH data at the D-input that meets the set-up and hold time requirements
on the LOW-to-HIGH clock transition will be stored in the flip-flop and appear at the Q output.
When LOW, MR resets all flip-flops (Qn = LOW, Qn = HIGH), independent of CP and Dn. Inputs
include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85°C and from -40 °C to +125 °C
3. Applications
• Shift registers
• Buffer/storage register
• Pattern generator




Similar Part No. - HEF40175B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B PHILIPS-HEF40175B Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
HEF40175B NXP-HEF40175B Datasheet
139Kb / 15P
Quad D-type flip-flop Standardized symmetrical output characteristics
Rev. 6-14 December 2010
HEF40175B NXP-HEF40175B Datasheet
152Kb / 15P
Quad D-type flip-flop Complies with JEDEC standard JESD 13-B
Rev. 7-3 May 2011
HEF40175BD PHILIPS-HEF40175BD Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
HEF40175BF PHILIPS-HEF40175BF Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
More results


Similar Description - HEF40175B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
Quad Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
Quad D-Type Flip-Flop
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
Quad Type D Flip-Flop
August, 2014 ??Rev. 9
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com