Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1217526 Datasheet (PDF) - PHOENIX CONTACT

1217526 Datasheet PDF - PHOENIX CONTACT
Part # 1217526
Download  1217526 Download
File Size   347.59 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPE-T1-M8MSM/2,0-97B/M8MSM - Network cable

1217526 Datasheet (PDF)

Go To PDF Page Download Datasheet
1217526 Datasheet PDF - PHOENIX CONTACT

Part # 1217526
Download  1217526 Click to download

File Size   347.59 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPE-T1-M8MSM/2,0-97B/M8MSM - Network cable

1217526 Datasheet (HTML) - PHOENIX CONTACT


1217526 Product details

Network cable, Single Pair Ethernet CAT A (10 Mbps), 2-position, shielded (Advanced Shielding
Technology), Plug straight M8-SPE / IP67, on Plug straight M8-SPE / IP67, cable length: 2 m

Product Description
Single Pair Ethernet M8 patch cable

Your advantages
• Future-proof: standardized connectors in accordance with IEC 63171-5 (IP67)
• Easily integrated: Male and female versions for established inductive sensors and flying leads
• Efficient: Device connectors for SMD, THR, and wave soldering processes enable automated processing
• Straightforward servicing: M8 connectors are compatible with IP20 connectors for SPE
• Safely shielded: patch cables with Advanced Shielding Technology




Similar Part No. - 1217526

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
121752 ADELS-121752 Datasheet
112Kb / 2P
230 K/12 DS HT
logo
PHOENIX CONTACT
1217524 PHOENIX-1217524 Datasheet
415Kb / 9P
SPE-T1-M8MSM/2,0-97B/M8FSF - Network cable
More results


Similar Description - 1217526

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1163793 PHOENIX-1163793 Datasheet
186Kb / 3P
SPE PCB connector - SPE-T1-M8MSM-180
1215777 PHOENIX-1215777 Datasheet
242Kb / 6P
SPE PCB connector - SPE-T1-M8MSM-180-SMD
Nov 3, 2022
1364626 PHOENIX-1364626 Datasheet
421Kb / 8P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12FS
Nov 16, 2022
1364629 PHOENIX-1364629 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12MS
Nov 16, 2022
1478369 PHOENIX-1478369 Datasheet
350Kb / 7P
Network cable - SPE-T1- 2,0-99B/M12FS
Nov 16, 2022
1364631 PHOENIX-1364631 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12FS/ 2,0-97B/M12FS
Nov 16, 2022
1150575 PHOENIX-1150575 Datasheet
416Kb / 9P
Network cable - SPE-T1-M8MSM/2,0-99B/M8FSF
1217316 PHOENIX-1217316 Datasheet
348Kb / 8P
Network cable - SPE-T1-M8MSM/2,0-99B/M8MSM
1217530 PHOENIX-1217530 Datasheet
345Kb / 8P
SPE-T1-M8FSF/2,0-97B/M8FSF - Network cable
1217524 PHOENIX-1217524 Datasheet
415Kb / 9P
SPE-T1-M8MSM/2,0-97B/M8FSF - Network cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com