Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1728378 Datasheet (PDF) - PHOENIX CONTACT

1728378 Datasheet PDF - PHOENIX CONTACT
Part # 1728378
Download  1728378 Download
File Size   361.14 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 1/11-3,81 - PCB terminal block

1728378 Datasheet (PDF)

Go To PDF Page Download Datasheet
1728378 Datasheet PDF - PHOENIX CONTACT

Part # 1728378
Download  1728378 Click to download

File Size   361.14 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 1/11-3,81 - PCB terminal block

1728378 Datasheet (HTML) - PHOENIX CONTACT


1728378 Product details

PCB terminal block, nominal current: 10 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: SMKDS 1, pitch: 3.81 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 35
°, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• Extremely small design for the respective conductor cross section




Similar Part No. - 1728378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728374 PHOENIX-1728374 Datasheet
69Kb / 4P
Printed-circuit board connector - MCV 1,5/ 3-G-3,81 P14 THRR32
More results


Similar Description - 1728378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708123 PHOENIX-1708123 Datasheet
87Kb / 6P
PCB terminal block - MKKDS 1/11-3,81
1727104 PHOENIX-1727104 Datasheet
151Kb / 8P
PCB terminal block - MKDS 1/11-3,81
1728310 PHOENIX-1728310 Datasheet
85Kb / 6P
PCB terminal block - SMKDS 1/ 5-3,81
1728336 PHOENIX-1728336 Datasheet
84Kb / 6P
PCB terminal block - SMKDS 1/ 7-3,81
1728349 PHOENIX-1728349 Datasheet
85Kb / 6P
PCB terminal block - SMKDS 1/ 8-3,81
1728352 PHOENIX-1728352 Datasheet
84Kb / 6P
PCB terminal block - SMKDS 1/ 9-3,81
1728365 PHOENIX-1728365 Datasheet
86Kb / 6P
PCB terminal block - SMKDS 1/10-3,81
1728381 PHOENIX-1728381 Datasheet
84Kb / 6P
PCB terminal block - SMKDS 1/12-3,81
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1907872 PHOENIX-1907872 Datasheet
57Kb / 4P
PCB terminal block - SMKDS 1/ 3-3,81 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com