Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4027B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4027B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4027B
Download  HEF4027B Download
File Size   220.11 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop

HEF4027B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4027B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4027B
Download  HEF4027B Click to download

File Size   220.11 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop

HEF4027B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4027B Product details

1. General description
The HEF4027B is a dual positive-edge triggered JK flip-flop featuring independent set direct (nSD),
clear direct (nCD), clock inputs (nCP) and complementary outputs (nQ and nQ). Data is accepted
when nCP is LOW, and transferred to the output on the positive-going edge of the clock. The
asynchronous clear-direct (nCD) and set-direct (nSD) are independent and override the nJ, nK,
and nCP inputs. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower
clock rise and fall times. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Registers
• Counters
• Control circuits




Similar Part No. - HEF4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
Dual JK flip-flop
January 1995
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
Dual JK flip-flop
Rev. 05-10 November 2008
HEF4027B NXP-HEF4027B Datasheet
108Kb / 14P
Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
Dual JK flip-flop
logo
NXP Semiconductors
HEF4027BD PHILIPS-HEF4027BD Datasheet
64Kb / 5P
Dual JK flip-flop
January 1995
More results


Similar Description - HEF4027B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
Dual JK flip-flop
January 1995
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
DUAL JK FLIP - FLOP
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
DUAL JK FLIP-FLOP
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
Dual JK flip-flop
Rev. 05-10 November 2008
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
Dual JK Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
Dual JK flip-flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com