Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4040B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4040B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4040B
Download  HEF4040B Download
File Size   211.97 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage binary ripple counter

HEF4040B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4040B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4040B
Download  HEF4040B Click to download

File Size   211.97 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage binary ripple counter

HEF4040B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4040B Product details

1. General description
The HEF4040B is a 12-stage binary ripple counter with a clock input (CP), an overriding
asynchronous master reset input (MR) and twelve fully buffered outputs (Q0 to Q11). The counter
advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all counter stages and
forces all outputs LOW, independent of CP. Each counter stage is a static toggle flip-flop. Inputs
are overvoltage tolerant to 15 V. This enables the device to be used in HIGH-to-LOW level shifting
applications.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Tolerant of slow clock rise and fall time
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Frequency dividing circuits
• Time delay circuits
• Control counters




Similar Part No. - HEF4040B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
12-stage binary counter
January 1995
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
212Kb / 11P
12-stage binary ripple counter
Rev. 3 3 September 2024
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100_V01 Datasheet
212Kb / 11P
12-stage binary ripple counter
Rev. 3 3 September 2024
logo
NXP Semiconductors
HEF4040BD PHILIPS-HEF4040BD Datasheet
42Kb / 5P
12-stage binary counter
January 1995
More results


Similar Description - HEF4040B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
12-stage binary ripple counter
Rev. 03-14 September 2005
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
12-stage binary ripple counter
1998 Jun 23
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040 ONSEMI-MC74AC4040_15 Datasheet
73Kb / 6P
12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com