Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4052B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4052B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4052B
Download  HEF4052B Download
File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-channel analog multiplexer/demultiplexer

HEF4052B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4052B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4052B
Download  HEF4052B Click to download

File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 4-channel analog multiplexer/demultiplexer

HEF4052B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4052B Product details

1. General description
The HEF4052B is a dual single-pole quad-throw analog switch (2x SP4T) suitable for use in
analog or digital 4:1 multiplexer/demultiplexer applications. Each switch features four independent
inputs/outputs (nY0, nY1, nY2 and nY3) and a common input/output (nZ). A digital enable input
(E) and two digital select inputs (S1 and S2) are common to both switches. When E is HIGH,
the switches are turned off. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HEF4052B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B NXP-HEF4052B Datasheet
166Kb / 22P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
HEF4052B-Q100 NXP-HEF4052B-Q100 Datasheet
1Mb / 2P
NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4052B-Q100 NEXPERIA-HEF4052B-Q100 Datasheet
292Kb / 18P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 15 December 2021
logo
NXP Semiconductors
HEF4052BD PHILIPS-HEF4052BD Datasheet
120Kb / 9P
Dual 4-channel analogue multiplexer/demultiplexer
January 1995
More results


Similar Description - HEF4052B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
Dual 4-channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com