Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4060B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4060B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4060B
Download  HEF4060B Download
File Size   255.99 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage ripple-carry binary counter/divider and oscillator

HEF4060B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4060B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4060B
Download  HEF4060B Click to download

File Size   255.99 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage ripple-carry binary counter/divider and oscillator

HEF4060B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4060B Product details

1. General description
The HEF4060B is a 14-stage ripple-carry counter/divider and oscillator with three oscillator
terminals (RS, REXT and CEXT), ten buffered parallel outputs (Q3 to Q9 and Q11 to Q13) and an
overriding asynchronous master reset (MR). The oscillator configuration allows design of either
RC or crystal oscillator circuits. The oscillator may be replaced by an external clock signal at input
RS. In this case, keep the oscillator pins (REXT and CEXT) floating. The counter advances on the
HIGH-to-LOW transition of RS. A HIGH level on MR clears all counter stages and forces all outputs
LOW, independent of the other input conditions. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standard JESD 13-B
• Tolerant of slow clock rise and fall times
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 ° C to +85 °C




Similar Part No. - HEF4060B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
HEF4060B PHILIPS-HEF4060B Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
238Kb / 13P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 4 3 September 2024
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100_V01 Datasheet
238Kb / 13P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 4 3 September 2024
More results


Similar Description - HEF4060B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
272Kb / 13P
COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
Sep-1988
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com