Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4518B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4518B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4518B
Download  HEF4518B Download
File Size   221.42 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual BCD counter

HEF4518B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4518B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4518B
Download  HEF4518B Click to download

File Size   221.42 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual BCD counter

HEF4518B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4518B Product details

1. General description
The HEF4518B is a dual 4-bit internally synchronous BCD counter. The counter has two clock
inputs (CP0 and CP1 ), buffered outputs from all four bit positions (O0 to O3) and an asynchronous
master reset input (MR). The counter advances on either the LOW to HIGH transition of the CP0
input if CP1 is HIGH or the HIGH to LOW transition of the CP1 input if CP0 is LOW. Either CP0
or CP1 may be used as the clock input to the counter and the other clock input may be used as
a clock enable input. A HIGH on MR resets the counter (O0 to O3 = LOW) independent of CP0
and CP1. Schmitt-trigger action in the clock inputs makes the circuit highly tolerant to slower clock
rise and fall times. Inputs include clamp diodes. This enables the use of current limiting resistors to
interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Tolerant of slow clock rise and fall times
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C
3. Applications
• Multistage synchronous counting
• Multistage asynchronous counting
• Frequency dividers




Similar Part No. - HEF4518B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
Dual BCD counter
January 1995
HEF4518BD PHILIPS-HEF4518BD Datasheet
66Kb / 7P
Dual BCD counter
January 1995
HEF4518BF PHILIPS-HEF4518BF Datasheet
66Kb / 7P
Dual BCD counter
January 1995
HEF4518BN PHILIPS-HEF4518BN Datasheet
66Kb / 7P
Dual BCD counter
January 1995
HEF4518BP PHILIPS-HEF4518BP Datasheet
66Kb / 7P
Dual BCD counter
January 1995
More results


Similar Description - HEF4518B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
BCD up/down counter
December 1990
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
Dual synchronous BCD counter
December 1990
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
Dual BCD counter
January 1995
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
Dual BCD Up Counter, Dual Binary Up Counter
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
Three-Digit BCD Counter
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
DUAL BCD UP COUNTER
Oct-2002
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
Dual BCD Programmable Down Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com