Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6012R Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

S6012R Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # S6012R
Download  S6012R Download
File Size   307.92 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

S6012R Datasheet (PDF)

Go To PDF Page Download Datasheet
S6012R Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # S6012R
Download  S6012R Click to download

File Size   307.92 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

S6012R Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


S6012R Product details

Description
Standard gate triggering SCR is fully isolated package suitable for the application where requiring
high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor
control circuit in power tool, inrush current limit circuit and heating control system.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 12 A




Similar Part No. - S6012R

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6012R TECCOR-S6012R Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S6012R LITTELFUSE-S6012R Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S6012R LITTELFUSE-S6012R Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S6012R LITTELFUSE-S6012R Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S6012R ETC2-S6012R Datasheet
218Kb / 12P
RoHS Compliant
More results


Similar Description - S6012R

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com