Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177920501 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

177920501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 177920501
Download  177920501 Download
File Size   953.88 Kbytes
Page   24 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output

177920501 Datasheet (PDF)

Go To PDF Page Download Datasheet
177920501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920501
Download  177920501 Click to download

File Size   953.88 Kbytes
Page   24 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output

177920501 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


177920501 Product details

FEATURES
• 1kV DC functional isolation
• Current capability up to 0.2A
• Nominal input voltage rails: 3.3V / 5V / 12V / 24V
• Output voltage: 5V unregulated
• No minimum load required
• Continuous output power: 1W
• Integrated CIN, COUT and transformer
• Low output voltage ripple: typ. 55mV at full load
• Output voltage accuracy: ±5% max.
• Operating frequency range: 50 kHz to 105 kHz
• Operating ambient temperature range:- 40°C to 85°C
• RoHS & REACh compliant
• UL94V-0 package material
• Complies with EN55032 class B conducted and radiated emissions standard
• UL60950-1, 2nd Edition
• C22.2 No. 60950-1-07 2nd Edition
• IEC/EN60950-1, 2nd Edition




Similar Part No. - 177920501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920501 WURTH-177920501 Datasheet
1Mb / 22P
Output voltage: 5V unregulated
177920501 WURTH-177920501 Datasheet
1Mb / 22P
Current capability up to 0.2A
177920501 WURTH-177920501 Datasheet
1Mb / 22P
Current capability up to 0.2A
1779205011 WURTH-1779205011 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results


Similar Description - 177920501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSD-0505 ETC-PSD-0505 Datasheet
294Kb / 2P
1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
logo
PEAK electronics GmbH
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
1769205132 WURTH-1769205132 Datasheet
2Mb / 31P
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
1769205X41 WURTH-1769205X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1769405X41 WURTH-1769405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779205X11 WURTH-1779205X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
1779205X41 WURTH-1779205X41 Datasheet
2Mb / 35P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X11 WURTH-1779405X11 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V Input Voltage / 2W / 1.5kV Functional Isolated Unregulated 5V Output
version 1.0
1779405X41 WURTH-1779405X41 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 5V, 12V or 24V / 2W / 3kV Functional Isolated Unregulated 5V Output
version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com