Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4020B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4020B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4020B
Download  HEF4020B Download
File Size   217.12 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary counter

HEF4020B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4020B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4020B
Download  HEF4020B Click to download

File Size   217.12 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 14-stage binary counter

HEF4020B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4020B Product details

1. General description
The HEF4020B is a 14-stage binary ripple counter with a clock input (CP), an overriding
asynchronous master reset input (MR) and 12 buffered parallel outputs (Q0, and Q3 to Q13). The
counter advances on the HIGH-to-LOW transition of CP. A HIGH on MR clears all counter stages
and forces all outputs LOW, independent of the state of CP. Each counter stage is a static toggle
flip-flop. Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• High speed operation
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - HEF4020B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
HEF4020B NXP-HEF4020B Datasheet
88Kb / 13P
14-stage binary counter
Rev. 04-4 December 2008
HEF4020B PHILIPS-HEF4020B Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
14-stage binary counter
logo
NXP Semiconductors
HEF4020BD PHILIPS-HEF4020BD Datasheet
61Kb / 6P
14-stage binary counter
January 1995
More results


Similar Description - HEF4020B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
14-stage binary counter
January 1995
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
14 Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
14-stage Binary Counter
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
14 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
14-stage Binary Counter
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
14-stage binary counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com