Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z380 Datasheet (PDF) - Zilog, Inc.

Z380 Datasheet PDF - Zilog, Inc.
Part # Z380
Download  Z380 Download
File Size   630.83 Kbytes
Page   115 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description MICROPROCESSOR

Z380 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z380 Datasheet PDF - Zilog, Inc.

Part # Z380
Download  Z380 Click to download

File Size   630.83 Kbytes
Page   115 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description MICROPROCESSOR

Z380 Datasheet (HTML) - Zilog, Inc.


Z380 Product details

GENERAL DESCRIPTION
The Z380™ Microprocessor is an integrated high-performance microprocessor with fast and efficient throughput and increased memory addressing capabilities. The Z380™ offers a continuing growth path for present Z80-or Z180-based designs, while maintaining Z80® CPU and Z180® MPU object-code compatibility. The Z380™ MPU enhancements include an improved 280 CPU, expanded 4-Gbyte space and flexible bus interface timing.
   
FEATURES
■ Static CMOS Design with Low-Power Standby Mode
    Option
■ 32-Bit Internal Data Paths and ALU
■ Operating Frequency
    - DC-to-18 MHz at 5V
    - DC-to-10 MHz at 3.3V
■ Enhanced Instruction Set that Maintains Object-Code
    Compatibility with Z80® and Z180™ Microprocessors
■ 16-Bit (64K) or 32-Bit (4G) Linear Address Space
■ 16-Bit Data Bus with Dynamic Sizing
■ Two-Clock Cycle Instruction Execution Minimum
■ Four Banks of On-Chip Register Files
■ Enhanced Interrupt Capabilities, Including
    16-Bit Vector
■ Undefined Opcode Trap for Z380™ Instruction Set
■ On-Chip I/O Functions:
    - Six-Memory Chip Selects with Programmable Waits
    - Programmable I/O Waits
    - DRAM Refresh Controller
■ 100-Pin QFP Package
   




Similar Part No. - Z380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z3832-0065EC-A ETC-Z3832-0065EC-A Datasheet
262Kb / 1P
Soft close
10/11
Z385LA10 ETC2-Z385LA10 Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
Z385LA20A ETC2-Z385LA20A Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
Z385LA40A ETC2-Z385LA40A Datasheet
111Kb / 1P
RADIAL LEAD METAL OXIDE VARISTORS.LINE VOLTAGE SERIES
logo
New Jersey Semi-Conduct...
Z385PA40A NJSEMI-Z385PA40A Datasheet
106Kb / 1P
PA Series
More results


Similar Description - Z380

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
Microprocessor
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
Microprocessor
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
Microprocessor
logo
Intel Corporation
INTEL386SX INTEL-INTEL386SX Datasheet
1Mb / 102P
MICROPROCESSOR
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
Microprocessor
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
Microprocessor
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
MICROPROCESSOR
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com