Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09N03 Datasheet (PDF) - Pan Jit International Inc.

09N03 Datasheet PDF - Pan Jit International Inc.
Part # 09N03
Download  09N03 Download
File Size   142.69 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 25V N-Channel Enhancement Mode MOSFET

09N03 Datasheet (PDF)

Go To PDF Page Download Datasheet
09N03 Datasheet PDF - Pan Jit International Inc.

Part # 09N03
Download  09N03 Click to download

File Size   142.69 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 25V N-Channel Enhancement Mode MOSFET

09N03 Datasheet (HTML) - Pan Jit International Inc.


09N03 Product details

FEATURES

• RDS(ON), VGS@10V,IDS@30A=9mΩ

• RDS(ON), VGS@4.5V,IDS@30A=12mΩ

• Advanced trench process technology

• High Density Cell Design For Uitra Low On-Resistance

• Specially Designed for DC/DC Converters and Motor Drivers

• Fully Characterized Avalanche Voltage and Current

• Pb free product : 99% Sn above can meet RoHS environment substance directive request



 




Similar Part No. - 09N03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
09N03L VBSEMI-09N03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
09N03LA VBSEMI-09N03LA Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
09N03LA VBSEMI-09N03LA Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
09N03LA VBSEMI-09N03LA_V01 Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
09N03LB VBSEMI-09N03LB Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 09N03

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
25V N-Channel Enhancement Mode MOSFET
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
25V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2600UFB DIODES-DMN2600UFB_15 Datasheet
413Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
25V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
25V N-Channel Enhancement-Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com