| Manufacturer | Part # | Datasheet | Description |
 Wurth Elektronik GmbH &... |
WPMDL110XXX1S
|
572Kb / 12P |
MagI3C Power Module FDSM ??Fixed Step Down Regulator Module 7 - 28V / 1A / 3.3 or 5V Output
Rev. 1.0 |
|
171011801
|
3Mb / 49P |
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018 |
|
171031801
|
3Mb / 49P |
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018 |
 Analog Technologies, In... |
DNS002
|
512Kb / 7P |
MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0 |
|
DNS003
|
1Mb / 21P |
MagI3C Power Modules DNS003 Current-sharing with MagI쨀C Power Modules
V1.0 |
|
DNS005
|
1Mb / 20P |
MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0 |
 Wurth Elektronik GmbH &... |
178001
|
968Kb / 10P |
MagI3C Power Modules DNS001 MagI3C LED Driver
V2.0 |
|
178003
|
1Mb / 21P |
MagI3C Power Modules DNS003 Current-sharing with MagI³C Power Modules
V1.0 |
|
178004
|
455Kb / 6P |
MagI3C Power Modules DNS004 MagI3C Current Source
V1.1 |
|
1780050
|
1Mb / 20P |
MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0 |