Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890334026007CS Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

890334026007CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 890334026007CS
Download  890334026007CS Download
File Size   1510.02 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTXX Film Capacitors

890334026007CS Datasheet (PDF)

Go To PDF Page Download Datasheet
890334026007CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890334026007CS
Download  890334026007CS Click to download

File Size   1510.02 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTXX Film Capacitors

890334026007CS Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


890334026007CS Product details

General Information:
X2-Safety Class Capacitor; MKP - Metallized Polypropylene
Storage Conditions 5-35 °C, < 75% RH
Operating Temperature -40 °C up to +105 °C
Maxium Selfheating (Rated) 7 °C
Climate Category: 40/ 105/ 56/ B
Test conditions of Electrical Properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation
Component conform to REACh and RoHS requirements and standards
Only designed to be used in parallel to the mains, not approved for series applications.




Similar Part No. - 890334026007CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890334026007 WURTH-890334026007 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
1.3 2015-04-16
More results


Similar Description - 890334026007CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890334023007 WURTH-890334023007 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334023011 WURTH-890334023011 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334023017 WURTH-890334023017 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334025013CS WURTH-890334025013CS Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334025020 WURTH-890334025020 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334025022CS WURTH-890334025022CS Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334025034 WURTH-890334025034 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334026003CS WURTH-890334026003CS Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334027012 WURTH-890334027012 Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
890334028008CS WURTH-890334028008CS Datasheet
1Mb / 8P
WCAP-FTXX Film Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com