Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE8000 Datasheet (PDF) - Texas Instruments

AFE8000 Datasheet PDF - Texas Instruments
Part # AFE8000_V01
Download  AFE8000 Download
File Size   823.92 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE80xx RF Sampling Transceiver

AFE8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE8000 Datasheet PDF - Texas Instruments

Part # AFE8000_V01
Download  AFE8000 Click to download

File Size   823.92 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE80xx RF Sampling Transceiver

AFE8000 Datasheet (HTML) - Texas Instruments


AFE8000 Product details

1 Features
• Request full data sheet
• AFE80xx versions:
– AFE8000: 8 TX, 10 RX
– AFE8004: 4 TX, 4 RX
– AFE8010: 10 RX
• 12 GSPS RF Sampling DACs
• 4 GSPS RF Sampling ADCs
• Maximum RF signal bandwidth:
– TX: 800 MHz (8 ch) or 1.2 GHz (4 ch)
– RX: 800 MHz (8 ch) or 400 MHz (8 ch) + 800
MHz (2 ch)
• RF frequency range:
– TX: 5 MHz to 7.125 GHz
– RX: 100 MHz to 7.125 GHz
• Digital Step Attenuators (DSA):
– TX: 40 dB range, 1 dB analog and 0.125 dB
digital steps
– RX/FB: 25 dB range, 1 dB step
• Single or dual-band DUC, DDCs
• Dual NCOs per chain for fast frequency switching
• Supports TDD operation with fast switching
between TX and RX
• Internal PLL/VCO to generate DAC/ADC clocks
• Optional external CLK at DAC or ADC rate
• SerDes data interface:
– JESD204B and JESD204C
– 8 SerDes transceivers up to 32.5 Gbps
– 8b, 10b and 64b, 66b Encoding
– 12 bit, 16 bit, 24 bit and 32 bit resolution
– Subclass 1 multi-device synchronization
• Package:
– 17 mm × 17 mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker front end
• Defense radio
• Tactical communications infrastructure
• Wireless communications test

3 Description
The AFE8000 is a high performance, wide bandwidth
multi-channel transceiver, integrating eight RF
sampling DACs and 10 RF sampling ADCs. Pin
and programming compatible lower channel count
versions (AFE8004 with 4TX and 4RX channels,
AFE8010 with 10RX channels) are available to allow
scalable system designs.
Each receiver (RX) chain includes a 25 dB range
DSA (Digital Step Attenuator) followed by a 4 GSPS
ADC (analog-to-digital converter). The 10 ADCs are
connected to 8 receiver paths (1RX though 8RX)
and 2 feedback paths (1FB and 2FB). The ADCs
are identical between RX and FB but the digital
down converter paths are different (the FB paths
are capable of wider bandwidth and can be used as
receivers). Each receiver channel has analog peak
power detectors and digital peak and power detectors
to assist an external or internal autonomous automatic
gain controller, and RF overload detectors for device
reliability protection. The single or dual digital down
converters (DDC) provide up to 800 MHz of signal BW
for 8 channels or 400 MHz for 8 channels in addition
to 800 MHz for 2 channels.
Each transmitter (TX) chain includes a single or dual
digital up converter (DUC). Supporting up to 800 MHz
signal bandwidth for eight channels or 1200 MHz for 4
channels. The output of the DUCs drives a 12-GSPS
DAC (digital-to-analog converter) with a mixed mode
output option to enhance 2nd Nyquist operation. The
DAC output includes a variable gain amplifier (TX
DSA) with 40 dB range and 1 dB analog and 0.125
dB digital steps.




Similar Part No. - AFE8000_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8000IABJ TI-AFE8000IABJ Datasheet
640Kb / 9P
AFE80xx RF Sampling Transceiver
DECEMBER 2022
AFE8000IABJ TI2-AFE8000IABJ Datasheet
792Kb / 13P
AFE80xx RF Sampling Transceiver
REVISED JUNE 2023
AFE8000IABJ.B TI2-AFE8000IABJ.B Datasheet
792Kb / 13P
AFE80xx RF Sampling Transceiver
REVISED JUNE 2023
AFE8000IALK TI2-AFE8000IALK Datasheet
792Kb / 13P
AFE80xx RF Sampling Transceiver
REVISED JUNE 2023
AFE8000IALK.B TI2-AFE8000IALK.B Datasheet
792Kb / 13P
AFE80xx RF Sampling Transceiver
REVISED JUNE 2023
More results


Similar Description - AFE8000_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
Ultra-Wideband RF Sampling Subsystem
logo
NXP Semiconductors
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
Industrial RF transceiver
Rev. 1.0-15 June 2016
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
logo
Texas Instruments
AFE8000 TI-AFE8000 Datasheet
640Kb / 9P
AFE80xx RF Sampling Transceiver
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com