Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE6214 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CDCE6214 Datasheet PDF - Texas Instruments
Part # CDCE6214
Download  CDCE6214 Download
File Size   5189.22 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDCE6214Q1TM Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM

CDCE6214 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCE6214 Datasheet PDF - Texas Instruments

Part # CDCE6214
Download  CDCE6214 Click to download

File Size   5189.22 Kbytes
Page   55 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDCE6214Q1TM Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM

CDCE6214 Datasheet (HTML) - Texas Instruments


CDCE6214 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 2: –40°C to +105°C
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Configurable high performance, low-power, frac-N
PLL with RMS jitter with spurs (12 kHz – 20 MHz,
Fout > 100 MHz) as:
– Integer mode:
• Differential output: 350 fs typical, 600 fs
maximum
• LVCMOS output: 1.05 ps typical, 1.5 ps
maximum
– Fractional mode:
• Differential output: 1.7 ps typical, 2.1 ps
maximum
• LVCMOS output: 2.0 ps typical, 4.0 ps
maximum
• Supports PCIe Gen1/2/3/4 with SSC and Gen
1/2/3/4/5 without SSC
• Internal VCO: 2.335 GHz to 2.625 GHz
• Typical power consumption: 65 mA for 4-output
channel, 23 mA for 1-output channel.
• Universal clock input, two reference inputs for
redundancy
– Differential AC-coupled or LVCMOS: 10 MHz to
200 MHz
– Crystal: 10 MHz to 50 MHz
• Flexible output clock distribution
– Four channel dividers: Up to five unique output
frequencies from 24 kHz to 328.125 MHz
– Combination of LVDS-like, LP-HCSL or
LVCMOS outputs on OUT0 – OUT4 pins
– Glitchless output divider switching and output
channel synchronization
– Individual output enable through active-low
GPIO and register
• Frequency margining options
– DCO mode: frequency increment/decrement
with 10ppb or less step-size
• Fully-integrated, configurable loop bandwidth: 100
kHz to 1.6 MHz
• Single or mixed supply for level translation: 1.8 V,
2.5 V, 3.3 V
• Configurable GPIOs and flexible configuration
options
– I2C-compatible interface: up to 400 kHz
– Integrated EEPROM with two pages and
external select pin. In-situ programming
allowed.
• Supports 100-Ω systems
• Low electromagnetic emissions
• Small footprint: 24-pin VQFN (4 mm × 4 mm)

2 Applications
• PCIe Gen 1 - Gen 5 clocking
• Advanced driver assistance systems (ADAS) -
sensor fusion
• Infotainment & cluster - automotive head unit -
eAVB
• Data center & enterprise computing
• PC & notebooks
• Enterprise machine - multifunction printer
• Test & measurement - handheld equipment

3 Description
The CDCE6214Q1TM is a 4-channel, ultra-low power,
medium grade jitter, clock generator for automotive
application that can generate five independent clock
outputs selectable between various modes of drivers.
The input source can be a single-ended or differential
input clock source, or a crystal. The CDCE6214Q1TM
features a frac-N PLL to synthesize unrelated base
frequency from any input frequency.




Similar Part No. - CDCE6214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE6214 TI1-CDCE6214 Datasheet
5Mb / 53P
CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214-Q1 TI1-CDCE6214-Q1 Datasheet
1Mb / 28P
CDCE6214-Q1 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214-Q1 TI1-CDCE6214-Q1 Datasheet
1Mb / 28P
CDCE6214-Q1 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214-Q1 TI1-CDCE6214-Q1_V01 Datasheet
1Mb / 28P
CDCE6214-Q1 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214RGER TI1-CDCE6214RGER Datasheet
5Mb / 53P
CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
More results


Similar Description - CDCE6214

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
logo
Integrated Device Techn...
IDT8SLVP2108I IDT-IDT8SLVP2108I Datasheet
967Kb / 22P
Two differential clock inputs
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
Two differential clock inputs
logo
Texas Instruments
CDCI6214 TI1-CDCI6214 Datasheet
124Kb / 7P
PCIe Gen4 Compliant Ultra-Low Power Clock Generator With Four Programmable Outputs and EEPROM
CDCE6214-Q1 TI1-CDCE6214-Q1 Datasheet
1Mb / 28P
CDCE6214-Q1 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214-Q1 TI1-CDCE6214-Q1_V01 Datasheet
1Mb / 28P
CDCE6214-Q1 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
CDCE6214 TI1-CDCE6214 Datasheet
5Mb / 53P
CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com