Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5315 Datasheet (PDF) - Analog Devices

ADL5315 Datasheet PDF - Analog Devices
Part # ADL5315
Download  ADL5315 Download
File Size   407.14 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror

ADL5315 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5315 Datasheet PDF - Analog Devices

Part # ADL5315
Download  ADL5315 Click to download

File Size   407.14 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror

ADL5315 Datasheet (HTML) - Analog Devices


ADL5315 Product details

GENERAL DESCRIPTION
The ADL5315 is a wide input current range, precision high-side current mirror featuring a stable and user-adjustable input voltage. It is optimized for use with PIN photodiodes, but its flexibility and wide operating range make it suitable for a broad array of additional applications. Over the 3 nA to 3 mA range, the current sourced from the INPT pin is accurately mirrored with a 1:1 ratio and sourced from the IOUT output pin. In a typical photodiode application, the output drives a current-input logarithmic amplifier to produce a linear-in-dB output representing the optical power incident upon the photodiode.

FEATURES
   Accurately mirrors input current (1:1 ratio) over 6 decades
      Linearity 1% from 3 nA to 3 mA
   Stable mirror input voltage
      Voltage held 1 V below supply using internal reference
         or can be set externally
   Adjustable input current limit
   2.7 V to 8 V single-supply operation
   Miniature 8-lead LFCSP (2 mm × 3 mm)

APPLICATIONS
   Optical power monitoring from a single photodiode
   General voltage biasing with precision current monitoring
   Voltage-to-current conversion




Similar Part No. - ADL5315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5315 AD-ADL5315 Datasheet
468Kb / 17P
Precision Wide Range High-Side Current Mirror
9/2017-Rev. 0 to Rev. A
ADL5315-EVAL AD-ADL5315-EVAL Datasheet
468Kb / 17P
Precision Wide Range High-Side Current Mirror
9/2017-Rev. 0 to Rev. A
ADL5315ACPZ-R7 AD-ADL5315ACPZ-R7 Datasheet
468Kb / 17P
Precision Wide Range High-Side Current Mirror
9/2017-Rev. 0 to Rev. A
ADL5315ACPZ-WP AD-ADL5315ACPZ-WP Datasheet
468Kb / 17P
Precision Wide Range High-Side Current Mirror
9/2017-Rev. 0 to Rev. A
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
Precision Wide Range High-Side Current Mirror
REV. 0
More results


Similar Description - ADL5315

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
Precision wide input range current monitor
logo
Analog Devices
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5317 AD-ADL5317 Datasheet
547Kb / 16P
Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
7/05-Revision 0
logo
Zetex Semiconductors
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
Precision wide input range current monitor
JUNE 2007
logo
Analog Devices
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
Precision Wide Range High-Side Current Mirror
REV. 0
ADL5315 AD-ADL5315_17 Datasheet
468Kb / 17P
Precision Wide Range High-Side Current Mirror
9/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com