Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9129AC5 Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9129AC5 Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9129AC5
Download  9129AC5 Download
File Size   1595.43 Kbytes
Page   12 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description 3-Component Measuring System For cutting force measurement during turning

9129AC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
9129AC5 Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9129AC5
Download  9129AC5 Click to download

File Size   1595.43 Kbytes
Page   12 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description 3-Component Measuring System For cutting force measurement during turning

9129AC5 Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9129AC5 Product details

• Machine adapters for disk-type turrets with:
– VDI tool holding fixtures ø30 mm, ø40 mm, ø50 mm
– Coromant Capto C5, C6 clamping unit
– Direct tool holding fixtures 20x40 mm, 25x50 mm,
¾"x1½", 1"x2"
• Tool holders for external turning tools:
20x20 mm, 25x25 mm, ¾"x¾", 1"x1"
• Tool holders for internal turning tools:
ø25 mm, ø32 mm, ø40 mm
• For cutting forces up to 8 kN
• Minimal temperature error




Similar Part No. - 9129AC5

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9129AA KISTLER-9129AA Datasheet
1Mb / 5P
Multicomponent Dynamometer –10 ... 10 kN, cover plate 90x105 mm
More results


Similar Description - 9129AC5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82374EB INTEL-82374EB Datasheet
1Mb / 208P
SYSTEM COMPONENT (ESC)
logo
Agilent(Hewlett-Packard...
N5531S HP-N5531S Datasheet
207Kb / 4P
Measuring Receiver System
N4371A HP-N4371A Datasheet
256Kb / 4P
RIN Measurement System
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
Multi System Video Decoder for Component input
logo
KISTLER INSTRUMENT CORP...
9170A KISTLER-9170A Datasheet
1Mb / 6P
4-Component Dynamometer (RCD) Rotating – for measuring cutting forces on a rotating tool
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
9272 KISTLER-9272 Datasheet
685Kb / 4P
4-Component Dynamometer For cutting force measurement in drilling
logo
Sciosense B.V.
PS09 SCIOSENSE-PS09 Datasheet
384Kb / 3P
PS09 – Soc for Weighing and Force Measurement
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
The smart system for automated measuring points
2022-03-04
CLD132 EH-CLD132 Datasheet
910Kb / 20P
Measuring system with inductive sensor for conductivity and concentration measurement in the food industry
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com