Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT14 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVT14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVT14
Download  74LVT14 Download
File Size   235.48 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V hex inverter Schmitt trigger

74LVT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVT14
Download  74LVT14 Click to download

File Size   235.48 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V hex inverter Schmitt trigger

74LVT14 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVT14 Product details

1. General description
The 74LVT14 is a hex inverter with Schmitt-trigger inputs. Bus hold data inputs eliminate the need
for external pull-up resistors to define unused inputs. This device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the output, preventing the potentially
damaging backflow current through the device when it is powered down.
2. Features and benefits
• Different positive and negative going input threshold voltages
• Tolerant of slow input transitions
• Wide supply voltage range from 2.7 to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• Output capability: +32 mA/-20 mA
• High noise immunity
• Direct interface with TTL levels
• No bus current loading when output is tied to 5 V bus
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78 class II level A
• Complies with JEDEC standard JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74LVT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
3.3V Hex inverter Schmitt trigger
1996 Aug 28
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
74LVT1403 PHILIPS-74LVT1403 Datasheet
70Kb / 10P
3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
Nexperia B.V. All right...
74LVT1403 NEXPERIA-74LVT1403 Datasheet
199Kb / 11P
3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
logo
NXP Semiconductors
74LVT1403DR PHILIPS-74LVT1403DR Datasheet
70Kb / 10P
3.3V combined 8-bit bus receiver and 4-bit bus driver
1998 Nov 12
More results


Similar Description - 74LVT14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com