Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT245B Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVT245B Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVT245B
Download  74LVT245B Download
File Size   254.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal transceiver with direction pin; 3-state

74LVT245B Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT245B Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVT245B
Download  74LVT245B Click to download

File Size   254.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal transceiver with direction pin; 3-state

74LVT245B Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVT245B Product details

1. General description
The 74LVT245B is an 8-bit transceiver with 3-state outputs. The device features an output enable
(OE) and send/receive (DIR) for direction control. A HIGH on OE causes the outputs to assume a
high-impedance OFF-state. Bus hold data inputs eliminate the need for external pull-up resistors to
define unused inputs
2. Features and benefits
• Wide supply voltage range from 2.7 to 3.6 V
• 3-state buffers
• Octal bidirectional bus interface
• Overvoltage tolerant inputs to 5.5 V
• Direct interface with TTL levels
• BiCMOS high speed and output drive
• Output capability: +64 mA/-32 mA
• Latch-up protection exceeds 500 mA per JEDEC Std 17
• Bus-hold data inputs eliminate the need for external pull-up resistors for unused inputs
• No bus current loading when output is tied to 5 V bus
• Live insertion/extraction permitted
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74LVT245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
NXP Semiconductors
74LVT245BBQ NXP-74LVT245BBQ Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Diodes Incorporated
74LVT245BBQ20-13 DIODES-74LVT245BBQ20-13 Datasheet
495Kb / 10P
3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
More results


Similar Description - 74LVT245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
Octal transceiver with direction pin 3-State
1998 Jan 16
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com