Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVTH2245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVTH2245
Download  74LVTH2245 Download
File Size   237.39 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal transceiver with 30 Ω termination resistors; 3-state

74LVTH2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVTH2245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVTH2245
Download  74LVTH2245 Click to download

File Size   237.39 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V octal transceiver with 30 Ω termination resistors; 3-state

74LVTH2245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVTH2245 Product details

1. General description
The 74LVT2245; 74LVTH2245 is an 8-bit transceiver with 30 Ω termination resistors and 3-state
outputs. The device features an output enable (OE) and send/receive (DIR) for direction control.
A HIGH on OE causes the outputs to assume a high-impedance OFF-state. Bus hold data inputs
eliminate the need for external pull-up resistors to define unused inputs
2. Features and benefits
• 30 Ω output termination resistors
• Octal bidirectional bus interface
• 3-state buffers
• Wide supply voltage range from 2.7 to 3.6 V
• BiCMOS high speed and output drive
• Output capability: +12 mA and -12 mA
• TTL input and output switching levels
• Overvoltage tolerant inputs to 5.5 V
• Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
• Live insertion and extraction permitted
• Direct interface with TTL levels
• Power-up 3-state
• No bus current loading when output is tied to 5 V bus
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• Complies with JEDEC standards JESD8C (2.7 V to 3.6 V)
• ESD protection:
• MIL STD 883 method 3015: exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Similar Part No. - 74LVTH2245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH2245 FAIRCHILD-74LVTH2245 Datasheet
106Kb / 9P
Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
logo
NXP Semiconductors
74LVTH2245 NXP-74LVTH2245 Datasheet
99Kb / 15P
3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
ON Semiconductor
74LVTH2245 ONSEMI-74LVTH2245 Datasheet
294Kb / 11P
Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LVTH2245D NXP-74LVTH2245D Datasheet
99Kb / 15P
3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
74LVTH2245DB NXP-74LVTH2245DB Datasheet
99Kb / 15P
3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
More results


Similar Description - 74LVTH2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2245 NXP-74LVT2245_06 Datasheet
99Kb / 15P
3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVT162240A NEXPERIA-74LVT162240A Datasheet
191Kb / 14P
3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com