Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMT65R039M1H Datasheet (PDF) - Infineon Technologies AG

IMT65R039M1H Datasheet PDF - Infineon Technologies AG
Part # IMT65R039M1H
Download  IMT65R039M1H Download
File Size   1512.26 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650 V CoolSiCª M1 SiC Trench Power Device

IMT65R039M1H Datasheet (PDF)

Go To PDF Page Download Datasheet
IMT65R039M1H Datasheet PDF - Infineon Technologies AG

Part # IMT65R039M1H
Download  IMT65R039M1H Click to download

File Size   1512.26 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 650 V CoolSiCª M1 SiC Trench Power Device

IMT65R039M1H Datasheet (HTML) - Infineon Technologies AG


IMT65R039M1H Product details

Features
• Optimized switching behavior at higher currents
• Commutation robust fast body diode with low Qf
• Superior gate oxide reliability
• Tj,max=175°C and excellent thermal behavior
• Lower RDS(on) and pulse current dependency on temperature
• Increased avalanche capability
• Compatible with standard drivers (recommended driving voltage: 0V-18V)
• Kelvin source provides up to 4 times lower switching losses




Similar Part No. - IMT65R039M1H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMT65R030M1H INFINEON-IMT65R030M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R033M2H INFINEON-IMT65R033M2H Datasheet
1Mb / 18P
CoolSiC™ MOSFET 650 V G2
Revision 2.0 2024-11-06
More results


Similar Description - IMT65R039M1H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMBG65R022M1H INFINEON-IMBG65R022M1H Datasheet
1Mb / 15P
650 V CoolSiC짧 M1 SiC Trench Power Device
Rev. 2.0, 2021-12-10
IMT65R022M1H INFINEON-IMT65R022M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R030M1H INFINEON-IMT65R030M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R048M1H INFINEON-IMT65R048M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R057M1H INFINEON-IMT65R057M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.1, 2023-02-24
IMT65R072M1H INFINEON-IMT65R072M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R083M1H INFINEON-IMT65R083M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R107M1H INFINEON-IMT65R107M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R163M1H INFINEON-IMT65R163M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
IMT65R260M1H INFINEON-IMT65R260M1H Datasheet
1Mb / 15P
MOSFET 650 V CoolSiCª M1 SiC Trench Power Device
Rev. 2.0, 2023-03-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com