Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPF019N12NM6 Datasheet (PDF) - Infineon Technologies AG

IPF019N12NM6 Datasheet PDF - Infineon Technologies AG
Part # IPF019N12NM6
Download  IPF019N12NM6 Download
File Size   1030.6 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 120 V

IPF019N12NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPF019N12NM6 Datasheet PDF - Infineon Technologies AG

Part # IPF019N12NM6
Download  IPF019N12NM6 Click to download

File Size   1030.6 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 120 V

IPF019N12NM6 Datasheet (HTML) - Infineon Technologies AG


IPF019N12NM6 Product details

Features
• N-channel, normal level
• Very low on-resistance RDS(on)
• Excellent gate charge x RDS(on) product (FOM)
• Very low reverse recovery charge (Qrr)
• High avalanche energy rating
• 175°C operating temperature
• Optimized for high frequency switching
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• MSL 1 classified according to J-STD-020




Similar Part No. - IPF019N12NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPF010N04NF2S INFINEON-IPF010N04NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-11
IPF010N06NF2S INFINEON-IPF010N06NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-19
IPF012N06NF2S INFINEON-IPF012N06NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-17
IPF012N06NF2SATMA1 INFINEON-IPF012N06NF2SATMA1 Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-17
IPF013N04NF2S INFINEON-IPF013N04NF2S Datasheet
1Mb / 11P
StrongIRFETTM2 Power-Transistor
Rev. 2.0, 2022-10-11
More results


Similar Description - IPF019N12NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT017N12NM6 INFINEON-IPT017N12NM6 Datasheet
962Kb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-06
IPTC017N12NM6 INFINEON-IPTC017N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.1, 2022-12-13
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
ISC037N12NM6 INFINEON-ISC037N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC073N12LM6 INFINEON-ISC073N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ106N12LM6 INFINEON-ISZ106N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
ISZ330N12LM6 INFINEON-ISZ330N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
BSC0302LS INFINEON-BSC0302LS Datasheet
1Mb / 13P
MOSFET OptiMOSTM 3 Power-Transistor, 120 V
Rev. 2.2, 2022-09-21
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com